Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A6985F5V Datasheet(PDF) 56 Page - STMicroelectronics

Part # A6985F5V
Description  38 V 500 mA synchronous step-down switching regulator
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A6985F5V Datasheet(HTML) 56 Page - STMicroelectronics

Back Button A6985F5V Datasheet HTML 52Page - STMicroelectronics A6985F5V Datasheet HTML 53Page - STMicroelectronics A6985F5V Datasheet HTML 54Page - STMicroelectronics A6985F5V Datasheet HTML 55Page - STMicroelectronics A6985F5V Datasheet HTML 56Page - STMicroelectronics A6985F5V Datasheet HTML 57Page - STMicroelectronics A6985F5V Datasheet HTML 58Page - STMicroelectronics A6985F5V Datasheet HTML 59Page - STMicroelectronics A6985F5V Datasheet HTML 60Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 77 page
background image
Application board
A6985F
56/77
DocID027738 Rev 2
8
Application board
The reference evaluation board schematic is shown in Figure 41.
Figure 41. Evaluation board schematic
The additional input filter (C16, L3, C15, L2, C14) limits the conducted emission on the
power supply (refer to Figure 56 on page 67).
Table 16. Common bill of material
Reference
Part number
Description
Manufacturer
C1, C10, C11
Not mounted
C2
C2012X7S2A105K
1
F - 0805 - 50 V - X7S - 10%
TDK
C3
470 nF - 10 V - 0603
C4, C7, C8
See Table 17, Table 18 on page 60,
Table 19 on page 62
C5
100 nF - 10 V - 0603
C6
10 nF - 10 V - 0603
C9
CGA5L3X5R1H106K
10
F - 1206 - 50 V - X5R - 10%
TDK
C14, C15, C16
CGA5L3X5R1H475k
4.7
F - 1206 - 50 V - X7R - 10%
TDK
C13
UWD1H101MCQ1GS
100
F - 50 V - 20%
Nichicon
R2
0
 - 0603
R6
1 M
 - 1%- 0603
R4
56 k
 - 1% - 0603
R7, R8, R9
See Table 17, Table 18, Table 19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com