Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A6985F5V Datasheet(PDF) 15 Page - STMicroelectronics

Part # A6985F5V
Description  38 V 500 mA synchronous step-down switching regulator
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A6985F5V Datasheet(HTML) 15 Page - STMicroelectronics

Back Button A6985F5V Datasheet HTML 11Page - STMicroelectronics A6985F5V Datasheet HTML 12Page - STMicroelectronics A6985F5V Datasheet HTML 13Page - STMicroelectronics A6985F5V Datasheet HTML 14Page - STMicroelectronics A6985F5V Datasheet HTML 15Page - STMicroelectronics A6985F5V Datasheet HTML 16Page - STMicroelectronics A6985F5V Datasheet HTML 17Page - STMicroelectronics A6985F5V Datasheet HTML 18Page - STMicroelectronics A6985F5V Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 77 page
background image
DocID027738 Rev 2
15/77
A6985F
Functional description
77
Figure 3. Internal block diagram
5.1
Power supply and voltage reference
The internal regulator block consists of a start-up circuit, the voltage pre-regulator that
provides current to all the blocks and the bandgap voltage reference. The starter supplies
the startup current when the input voltage goes high and the device is enabled (SS/INH pin
over the inhibits threshold).
The pre-regulator block supplies the bandgap cell and the rest of the circuitry with
a regulated voltage that has a very low supply voltage noise sensitivity.
Switchover feature
The switchover scheme of the pre-regulator block features to derive the main contribution of
the supply current for the internal circuitry from an external voltage (3 V < VBIAS < 5.5 V is
typically connected to the regulated output voltage). This helps to decrease the equivalent
quiescent current seen at VIN. (please refer to Section 5.6: Switchover feature on page 30).
5.2
Voltages monitor
An internal block continuously senses the VCC, VBIAS and VBG. If the monitored voltages are
good, the regulator starts operating. There is also a hysteresis on the VCC (UVLO).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com