Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A6985F5V Datasheet(PDF) 53 Page - STMicroelectronics

Part # A6985F5V
Description  38 V 500 mA synchronous step-down switching regulator
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A6985F5V Datasheet(HTML) 53 Page - STMicroelectronics

Back Button A6985F5V Datasheet HTML 49Page - STMicroelectronics A6985F5V Datasheet HTML 50Page - STMicroelectronics A6985F5V Datasheet HTML 51Page - STMicroelectronics A6985F5V Datasheet HTML 52Page - STMicroelectronics A6985F5V Datasheet HTML 53Page - STMicroelectronics A6985F5V Datasheet HTML 54Page - STMicroelectronics A6985F5V Datasheet HTML 55Page - STMicroelectronics A6985F5V Datasheet HTML 56Page - STMicroelectronics A6985F5V Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 77 page
background image
DocID027738 Rev 2
53/77
A6985F
Application notes
77
The peak-to-peak voltage across the input filter can be calculated as:
Equation 47
In case of negligible ESR (MLCC capacitor) the equation of CIN as a function of the target
VPP can be written as follows:
Equation 48
Considering
 = 1 this function has its maximum in D = 0.5:
Equation 49
Typically CIN is dimensioned to keep the maximum peak-peak voltage across the input filter
in the order of 5% VIN_MAX.
7.6.2
Inductor selection
The inductor current ripple flowing into the output capacitor determines the output voltage
ripple (please refer to Section 7.6.3). Usually the inductor value is selected in order to keep
the current ripple lower than 20% - 40% of the output current over the input voltage range.
The inductance value can be calculated by Equation 50:
Equation 50
Where TON and TOFF are the on and off time of the internal power switch. The maximum
current ripple, at fixed VOUT, is obtained at maximum TOFF that is at minimum duty cycle
(see Section 7.6.1: Input capacitor selection to calculate minimum duty).
Table 13. Input capacitors
Manufacturer
Series
Size
Cap value (
F)
Rated voltage (V)
TDK
C3225X7S1H106M
1210
10
50
C3216X5R1H106M
1206
Taiyo Yuden
UMK325BJ106MM-T
1210
VPP
IOUT
CIN fSW
-------------------------
1
D
----
–

 D
----
ESR
IOUT IL
+

+
=
CIN
IOUT
VPP fSW
--------------------------
1
D
----
–

 D
----
=
CINMIN
IOUT
4VPPMAX fSW
----------------------------------------------
=
I
L
VIN VOUT
–
L
------------------------------ TON
VOUT
L
-------------- TOFF
==



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com