Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A6985F5V Datasheet(PDF) 24 Page - STMicroelectronics

Part # A6985F5V
Description  38 V 500 mA synchronous step-down switching regulator
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A6985F5V Datasheet(HTML) 24 Page - STMicroelectronics

Back Button A6985F5V Datasheet HTML 20Page - STMicroelectronics A6985F5V Datasheet HTML 21Page - STMicroelectronics A6985F5V Datasheet HTML 22Page - STMicroelectronics A6985F5V Datasheet HTML 23Page - STMicroelectronics A6985F5V Datasheet HTML 24Page - STMicroelectronics A6985F5V Datasheet HTML 25Page - STMicroelectronics A6985F5V Datasheet HTML 26Page - STMicroelectronics A6985F5V Datasheet HTML 27Page - STMicroelectronics A6985F5V Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 77 page
background image
Functional description
A6985F
24/77
DocID027738 Rev 2
5.3.2
Output voltage sequencing
The A6985F device implements sequencing connecting the RST pin of the master device to
the SS/INH of the slave. The slave is inhibited as long as the master output voltage is
outside regulation so implementing the sequencing (see Figure 12).
Figure 12. Output voltage sequencing
High flexibility is achieved thanks to the programmable RST thresholds (see Table 7 on
page 11, Table 8 and Table 9 on page 12) and programmable delay time. To minimize the
component count the DELAY pin capacitor can be also omitted so the pin works as a normal
Power Good.
5.4
Error amplifier
The voltage error amplifier is the core of the loop regulation. It is a transconductance
operational amplifier whose non inverting input is connected to the internal voltage
reference (0.85 V), while the inverting input (FB) is connected to the external divider or
directly to the output voltage.
The error amplifier output is compared with the inductor current sense information to
perform PWM control. The error amplifier also determines the burst operation at light-load
when the LCM is active.
Table 10. Uncompensated error amplifier characteristics
Description
Values
Transconductance
155 µS
Low frequency gain
100 dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com