Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A6985F5V Datasheet(PDF) 62 Page - STMicroelectronics

Part # A6985F5V
Description  38 V 500 mA synchronous step-down switching regulator
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A6985F5V Datasheet(HTML) 62 Page - STMicroelectronics

Back Button A6985F5V Datasheet HTML 58Page - STMicroelectronics A6985F5V Datasheet HTML 59Page - STMicroelectronics A6985F5V Datasheet HTML 60Page - STMicroelectronics A6985F5V Datasheet HTML 61Page - STMicroelectronics A6985F5V Datasheet HTML 62Page - STMicroelectronics A6985F5V Datasheet HTML 63Page - STMicroelectronics A6985F5V Datasheet HTML 64Page - STMicroelectronics A6985F5V Datasheet HTML 65Page - STMicroelectronics A6985F5V Datasheet HTML 66Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 77 page
background image
Application board
A6985F
62/77
DocID027738 Rev 2
8.3
A6985F (VOUT = 6 V) evaluation board
Figure 48 and Figure 49 show the magnitude and phase margin Bode’s plots related to the
evaluation board presented in Figure 41 on page 56 with the BOM of Table 16 on page 56
and Table 19.
The small signal dynamic performance of the demonstration board is:
Equation 57
Figure 48. Magnitude Bode’s plot of A6985F (VOUT = 6 V) evaluation board
Table 19. Bill of material of A6985F (VOUT = 6 V) demonstration board
Reference
Part number
Description
Manufacturer
C4
1.2 pF - 10 V - 0603
C7
4.7 pF - 10 V - 0603
C8
27 pF - 10 V - 0603
R7
200 k
 - 1% - 0603
R8
200 k
 - 1% - 0603
R9
33 k
 - 1% - 0603
U1
A6985F
STMicroelectronics
BW
110kHz
=
phase margin
60
0
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com