Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A6985F5V Datasheet(PDF) 13 Page - STMicroelectronics

Part # A6985F5V
Description  38 V 500 mA synchronous step-down switching regulator
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A6985F5V Datasheet(HTML) 13 Page - STMicroelectronics

Back Button A6985F5V Datasheet HTML 9Page - STMicroelectronics A6985F5V Datasheet HTML 10Page - STMicroelectronics A6985F5V Datasheet HTML 11Page - STMicroelectronics A6985F5V Datasheet HTML 12Page - STMicroelectronics A6985F5V Datasheet HTML 13Page - STMicroelectronics A6985F5V Datasheet HTML 14Page - STMicroelectronics A6985F5V Datasheet HTML 15Page - STMicroelectronics A6985F5V Datasheet HTML 16Page - STMicroelectronics A6985F5V Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 77 page
background image
DocID027738 Rev 2
13/77
A6985F
Datasheet parameters over the temperature range
77
4
Datasheet parameters over the temperature range
The 100% of the population in the production flow is tested at three different ambient
temperatures (-40 °C, +25 °C, +135 °C) to guarantee the datasheet parameters inside the
junction temperature range (-40 °C, +135 °C).
The device operation is guaranteed when the junction temperature is inside the (-40 °C,
+150 °C) temperature range. The designer can estimate the silicon temperature increase
respect to the ambient temperature evaluating the internal power losses generated during
the device operation.
However the embedded thermal protection disables the switching activity to protect the
device in case the junction temperature reaches the TSHTDWN (+165 °C typ.) temperature.
All the datasheet parameters can be guaranteed to a maximum junction temperature of
+135 °C to avoid triggering the thermal shutdown protection during the testing phase
because of self-heating.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com