Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A6985F5V Datasheet(PDF) 59 Page - STMicroelectronics

Part # A6985F5V
Description  38 V 500 mA synchronous step-down switching regulator
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A6985F5V Datasheet(HTML) 59 Page - STMicroelectronics

Back Button A6985F5V Datasheet HTML 55Page - STMicroelectronics A6985F5V Datasheet HTML 56Page - STMicroelectronics A6985F5V Datasheet HTML 57Page - STMicroelectronics A6985F5V Datasheet HTML 58Page - STMicroelectronics A6985F5V Datasheet HTML 59Page - STMicroelectronics A6985F5V Datasheet HTML 60Page - STMicroelectronics A6985F5V Datasheet HTML 61Page - STMicroelectronics A6985F5V Datasheet HTML 62Page - STMicroelectronics A6985F5V Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 77 page
background image
DocID027738 Rev 2
59/77
A6985F
Application board
77
8.1
A6985F3V3 evaluation board
Equation 55 and Figure 44 show the magnitude and phase margin Bode’s plots related to
the evaluation board presented in Figure 41 with the BOM of Table 16 and Table 17.
The small signal dynamic performance of the demonstration board is:
Equation 55
Figure 44. Magnitude Bode’s plot of A6985F3V3 evaluation board
Table 17. Bill of material of A6985F3V3 demonstration board
Reference
Part number
Description
Manufacturer
C4
1.2 pF - 10 V - 0603
C7
Not mounted
C8
68 pF - 10 V - 0603
R7
0
 - 0603
R8
110 k
 - 1% - 0603
R9
Not mounted
U1
A6985F3V3
STMicroelectronics
BW
110kHz
=
phase margin
67
0
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com