Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A6985F5V Datasheet(PDF) 49 Page - STMicroelectronics

Part # A6985F5V
Description  38 V 500 mA synchronous step-down switching regulator
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A6985F5V Datasheet(HTML) 49 Page - STMicroelectronics

Back Button A6985F5V Datasheet HTML 45Page - STMicroelectronics A6985F5V Datasheet HTML 46Page - STMicroelectronics A6985F5V Datasheet HTML 47Page - STMicroelectronics A6985F5V Datasheet HTML 48Page - STMicroelectronics A6985F5V Datasheet HTML 49Page - STMicroelectronics A6985F5V Datasheet HTML 50Page - STMicroelectronics A6985F5V Datasheet HTML 51Page - STMicroelectronics A6985F5V Datasheet HTML 52Page - STMicroelectronics A6985F5V Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 77 page
background image
DocID027738 Rev 2
49/77
A6985F
Application notes
77
Figure 36 shows the same regulators working synchronized. The MASTER regulator
(LX_5V trace) delivers the synchronization signal (SYNCH_3V3, SYNCH_5V pins are
connected together) to the SLAVE device (LX_3V3). The SLAVE regulator works in phase
with the synchronization signal which is out of phase with the MASTER switching operation.
Figure 36. Two regulators synchronized
Multiple A6985F devices can be synchronized to an external frequency signal fed to the
SYNCH pin. In this case the regulator set is phased to the reference and all the devices will
work with 0° phase shift.
The frequency range of the synchronization signal is 275 kHz - 2 MHz and the minimum
pulse width is 100 nsec (see Figure 37).
Figure 37. Synchronization pulse definition
Since the slope compensation contribution that is required to prevent subharmonic
oscillations in peak current mode architecture depends on the switching frequency, it is
important to select the same oscillator frequency for all regulators (all of them operate as
SLAVE) as close as possible to the frequency of the reference signal (please refer to
Table 6: fSW selection on page 11). As a consequence all the regulators have the same
resistor value connected to the FSW pin, so the slope compensation is optimized



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com