Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC560D30L3 Datasheet(PDF) 67 Page - STMicroelectronics

Part # SPC560D30L3
Description  32-bit MCU family built on the Power Architecture for automotive body electronics applications
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC560D30L3 Datasheet(HTML) 67 Page - STMicroelectronics

Back Button SPC560D30L3 Datasheet HTML 63Page - STMicroelectronics SPC560D30L3 Datasheet HTML 64Page - STMicroelectronics SPC560D30L3 Datasheet HTML 65Page - STMicroelectronics SPC560D30L3 Datasheet HTML 66Page - STMicroelectronics SPC560D30L3 Datasheet HTML 67Page - STMicroelectronics SPC560D30L3 Datasheet HTML 68Page - STMicroelectronics SPC560D30L3 Datasheet HTML 69Page - STMicroelectronics SPC560D30L3 Datasheet HTML 70Page - STMicroelectronics SPC560D30L3 Datasheet HTML 71Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 90 page
background image
SPC560D30x, SPC56040Dx
Electrical characteristics
Doc ID 16315 Rev 7
67/90
Equation 12
4.17.3
ADC electrical characteristics
C
F
2048 C
S
Table 41.
ADC input leakage current
Symbol C
Parameter
Conditions
Value
Unit
Min
Typ
Max
ILKG CC
C
Input leakage current
TA = 40 °C
No current injection on adjacent pin
—1—
nA
CTA = 25 °C
—
1
—
CTA = 105 °C
—
8
200
PTA = 125 °C
—
45
400
Table 42.
ADC conversion characteristics
Symbol
C
Parameter
Conditions(1)
Value
Unit
Min
Typ
Max
VSS_ADC SR —
Voltage on
VSS_HV_ADC (ADC
reference) pin with
respect to ground
(VSS)
(2)
—
0.1
—
0.1
V
VDD_ADC SR —
Voltage on
VDD_HV_ADC pin
(ADC reference) with
respect to ground
(VSS)
—VDD  0.1
—
VDD +0.1
V
VAINx
SR — Analog input voltage(3)
—VSS_ADC  0.1
—
VDD_ADC +0.1 V
fADC
SR — ADC analog frequency
VDD =5.0 V
3.33
—
32 + 4%
MHz
VDD =3.3 V
3.33
—
20 + 4%
ADC_SYS SR
—
ADC clock duty cycle
(ipg_clk)
ADCLKSEL = 1(4)
45
—55
%
tADC_PU SR — ADC power up delay
—
——
1.5
µs
ts
CC
T
Sampling time(5)
VDD = 3.3 V
fADC = 20 MHz,
INPSAMP = 12
600
—
—
ns
fADC = 3.33 MHz,
INPSAMP = 255
—
—
76.2
µs
T
Sampling time(5)
VDD = 5.0 V
fADC = 24 MHz,
INPSAMP = 13
500
—
—
ns
fADC = 3.33 MHz,
INPSAMP = 255
—
—
76.2
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com