Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC560D30L3 Datasheet(PDF) 36 Page - STMicroelectronics

Part # SPC560D30L3
Description  32-bit MCU family built on the Power Architecture for automotive body electronics applications
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC560D30L3 Datasheet(HTML) 36 Page - STMicroelectronics

Back Button SPC560D30L3 Datasheet HTML 32Page - STMicroelectronics SPC560D30L3 Datasheet HTML 33Page - STMicroelectronics SPC560D30L3 Datasheet HTML 34Page - STMicroelectronics SPC560D30L3 Datasheet HTML 35Page - STMicroelectronics SPC560D30L3 Datasheet HTML 36Page - STMicroelectronics SPC560D30L3 Datasheet HTML 37Page - STMicroelectronics SPC560D30L3 Datasheet HTML 38Page - STMicroelectronics SPC560D30L3 Datasheet HTML 39Page - STMicroelectronics SPC560D30L3 Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 90 page
background image
Electrical characteristics
SPC560D30x, SPC56040Dx
36/90
Doc ID 16315 Rev 7
4.7.3
I/O output DC characteristics
The following tables provide DC characteristics for bidirectional pads:
●
Table 16 provides weak pull figures. Both pull-up and pull-down resistances are
supported.
●
Table 17 provides output driver characteristics for I/O pads when in SLOW
configuration.
●
Table 18 provides output driver characteristics for I/O pads when in MEDIUM
configuration.
Table 16.
I/O pull-up/pull-down DC electrical characteristics
Symbol
C
Parameter
Conditions(1)
Value
Unit
Min Typ Max
|IWPU|CC
P
Weak pull-up current
absolute value
VIN = VIL, VDD = 5.0 V ± 10%
PAD3V5V = 0
10
—
150
µA
C
PAD3V5V = 1(2)
10
—
250
PVIN = VIL, VDD = 3.3 V ± 10% PAD3V5V = 1
10
—
150
|IWPD|CC
P
Weak pull-down current
absolute value
VIN = VIH, VDD = 5.0 V ± 10%
PAD3V5V = 0
10
—
150
µA
C
PAD3V5V = 1(2)
10
—
250
PVIN = VIH, VDD = 3.3 V ± 10% PAD3V5V = 1
10
—
150
1.
VDD = 3.3 V ± 10% / 5.0 V ± 10%, TA = 40 to 125 °C, unless otherwise specified.
2.
The configuration PAD3V5 = 1 when VDD = 5 V is only a transient configuration during power-up. All pads but RESET are
configured in input or in high impedance state.
Table 17.
SLOW configuration output buffer electrical characteristics
Symbol C
Parameter
Conditions(1)
Value
Unit
Min
Typ
Max
VOH CC
P
Output high level
SLOW configuration
Push Pull
IOH = 2mA,
VDD = 5.0 V ± 10%, PAD3V5V = 0
(recommended)
0.8VDD
——
V
C
IOH = 2mA,
VDD = 5.0 V ± 10%, PAD3V5V = 1
(2)
0.8VDD
——
C
IOH = 1mA,
VDD = 3.3 V ± 10%, PAD3V5V = 1
(recommended)
VDD  0.8 —
—
VOL CC
P
Output low level
SLOW configuration
Push Pull
IOL = 2 mA,
VDD = 5.0 V ± 10%, PAD3V5V = 0
(recommended)
—
—
0.1VDD
V
C
IOL = 2 mA,
VDD = 5.0 V ± 10%, PAD3V5V = 1
(2)
—
—
0.1VDD
C
IOL = 1 mA,
VDD = 3.3 V ± 10%, PAD3V5V = 1
(recommended)
——
0.5
1.
VDD = 3.3 V ± 10% / 5.0 V ± 10%, TA = 40 to 125 °C, unless otherwise specified



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com