Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC560D30L3 Datasheet(PDF) 70 Page - STMicroelectronics

Part # SPC560D30L3
Description  32-bit MCU family built on the Power Architecture for automotive body electronics applications
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC560D30L3 Datasheet(HTML) 70 Page - STMicroelectronics

Back Button SPC560D30L3 Datasheet HTML 66Page - STMicroelectronics SPC560D30L3 Datasheet HTML 67Page - STMicroelectronics SPC560D30L3 Datasheet HTML 68Page - STMicroelectronics SPC560D30L3 Datasheet HTML 69Page - STMicroelectronics SPC560D30L3 Datasheet HTML 70Page - STMicroelectronics SPC560D30L3 Datasheet HTML 71Page - STMicroelectronics SPC560D30L3 Datasheet HTML 72Page - STMicroelectronics SPC560D30L3 Datasheet HTML 73Page - STMicroelectronics SPC560D30L3 Datasheet HTML 74Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 90 page
background image
Electrical characteristics
SPC560D30x, SPC56040Dx
70/90
Doc ID 16315 Rev 7
4.18.2
DSPI characteristics
IDD_BV(SPI)
CC T
SPI (DSPI) supply
current on VDD_BV
Ballast static consumption (only clocked)
1
µA
Ballast dynamic consumption (continuous
communication):
– Baudrate: 2 Mbit/s
– Transmission every 8 µs
– Frame: 16 bits
16 × fperiph
µA
IDD_BV(ADC)
CC T
ADC supply current on
VDD_BV
VDD = 5.5 V
Ballast static consumption
(no conversion)
41 × fperiph
µA
Ballast dynamic
consumption (continuous
conversion)(3)
5×fperiph
µA
IDD_HV_ADC(ADC) CC T
ADC supply current on
VDD_HV_ADC
VDD = 5.5 V
Analog static consumption
(no conversion)
2×fperiph
µA
Analog dynamic
consumption (continuous
conversion)
75 × fperiph + 32
µA
IDD_HV(FLASH) CC T
CFlash + DFlash supply
current on VDD_HV
VDD = 5.5 V
—
8.21
mA
IDD_HV(PLL)
CC T
PLL supply current on
VDD_HV
VDD = 5.5 V
—
30 × fperiph
µA
1.
Operating conditions: TA = 25 °C, fperiph = 8 MHz to 48 MHz
2.
fperiph is an absolute value.
3.
During the conversion, the total current consumption is given from the sum of the static and dynamic consumption, i.e.,
(41 + 5) × fperiph.
Table 43.
On-chip peripherals current consumption(1) (continued)
Symbol
C
Parameter
Conditions
Typical value(2) Unit
Table 44.
DSPI characteristics(1)
No.
Symbol
C
Parameter
DSPI0/DSPI1
Unit
Min
Typ
Max
1tSCK
SR
D
SCK cycle time
Master mode
(MTFE = 0)
125
—
—
ns
D
Slave mode
(MTFE = 0)
125
—
—
D
Master mode
(MTFE = 1)
83
—
—
D
Slave mode
(MTFE = 1)
83
—
—
—fDSPI
SR
D DSPI digital controller frequency
—
—
fCPU
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com