Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC560D30L3 Datasheet(PDF) 80 Page - STMicroelectronics

Part # SPC560D30L3
Description  32-bit MCU family built on the Power Architecture for automotive body electronics applications
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC560D30L3 Datasheet(HTML) 80 Page - STMicroelectronics

Back Button SPC560D30L3 Datasheet HTML 76Page - STMicroelectronics SPC560D30L3 Datasheet HTML 77Page - STMicroelectronics SPC560D30L3 Datasheet HTML 78Page - STMicroelectronics SPC560D30L3 Datasheet HTML 79Page - STMicroelectronics SPC560D30L3 Datasheet HTML 80Page - STMicroelectronics SPC560D30L3 Datasheet HTML 81Page - STMicroelectronics SPC560D30L3 Datasheet HTML 82Page - STMicroelectronics SPC560D30L3 Datasheet HTML 83Page - STMicroelectronics SPC560D30L3 Datasheet HTML 84Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 90 page
background image
Package characteristics
SPC560D30x, SPC56040Dx
80/90
Doc ID 16315 Rev 7
5.2.2
LQFP64
Figure 27.
LQFP64 mechanical drawing
5W_ME
L
A1
K
L1
c
A
A2
ccc
C
D
D1
D3
E3 E1 E
32
33
48
49
b
64
1
Pin 1
identification
16
17
Table 47.
LQFP64 mechanical data
Symbol
mm
inches(1)
Min
Typ
Max
Min
Typ
Max
A
—
—
1.6
—
—
0.0630
A1
0.05
—
0.15
0.0020
—
0.0059
A2
1.35
1.4
1.45
0.0531
0.0551
0.0571
b
0.17
0.22
0.27
0.0067
0.0087
0.0106
c
0.09
—
0.2
0.0035
—
0.0079
D
11.8
12
12.2
0.4646
0.4724
0.4803
D1
9.8
10
10.2
0.3858
0.3937
0.4016
D3
—
7.5
—
—
0.2953
—
E
11.8
12
12.2
0.4646
0.4724
0.4803
E1
9.8
10
10.2
0.3858
0.3937
0.4016
E3
—
7.5
—
—
0.2953
—
e—
0.5
—
—
0.0197
—
L
0.45
0.6
0.75
0.0177
0.0236
0.0295
L1
—
1
—
—
0.0394
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com