Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC560D30L3 Datasheet(PDF) 14 Page - STMicroelectronics

Part # SPC560D30L3
Description  32-bit MCU family built on the Power Architecture for automotive body electronics applications
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC560D30L3 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button SPC560D30L3 Datasheet HTML 10Page - STMicroelectronics SPC560D30L3 Datasheet HTML 11Page - STMicroelectronics SPC560D30L3 Datasheet HTML 12Page - STMicroelectronics SPC560D30L3 Datasheet HTML 13Page - STMicroelectronics SPC560D30L3 Datasheet HTML 14Page - STMicroelectronics SPC560D30L3 Datasheet HTML 15Page - STMicroelectronics SPC560D30L3 Datasheet HTML 16Page - STMicroelectronics SPC560D30L3 Datasheet HTML 17Page - STMicroelectronics SPC560D30L3 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 90 page
background image
Package pinouts and signal descriptions
SPC560D30x, SPC56040Dx
14/90
Doc ID 16315 Rev 7
Figure 3 shows the Pictus 512K in the LQFP64 package.
Figure 3.
LQFP64 pin configuration (top view)
3.2
Pad configuration during reset phases
All pads have a fixed configuration under reset.
During the power-up phase, all pads are forced to tristate.
After power-up phase, all pads are forced to tristate with the following exceptions:
●
PA[9] (FAB) is pull-down. Without external strong pull-up the device starts fetching from
flash.
●
PA[8] (ABS[0]) is pull-up.
●
RESET pad is driven low. This is pull-up only after PHASE2 reset completion.
●
JTAG pads (TCK, TMS and TDI) are pull-up while TDO remains tristate.
●
Precise ADC pads (PB[7:4] and PD[11:0]) are left tristate (no output buffer available).
●
Main oscillator pads (EXTAL, XTAL) are tristate.
3.3
Voltage supply pins
Voltage supply pins are used to provide power to the device. Two dedicated pins are used
for 1.2 V regulator stabilization.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
PB[3]
PC[9]
PA[2]
PA[1]
PA[0]
VSS_HV
VDD_HV
VSS_HV
RESET
VSS_LV
VDD_LV
VDD_BV
PC[10]
PB[0]
PB[1]
PC[6]
PA[11]
PA[10]
PA[9]
PA[8]
PA[7]
PA[3]
PB[15]
PB[14]
PB[13]
PB[12]
PB[11]
PB[7]
PB[6]
PB[5]
VDD_HV_ADC
VSS_HV_ADC
LQFP64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com