Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC560D30L3 Datasheet(PDF) 42 Page - STMicroelectronics

Part # SPC560D30L3
Description  32-bit MCU family built on the Power Architecture for automotive body electronics applications
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC560D30L3 Datasheet(HTML) 42 Page - STMicroelectronics

Back Button SPC560D30L3 Datasheet HTML 38Page - STMicroelectronics SPC560D30L3 Datasheet HTML 39Page - STMicroelectronics SPC560D30L3 Datasheet HTML 40Page - STMicroelectronics SPC560D30L3 Datasheet HTML 41Page - STMicroelectronics SPC560D30L3 Datasheet HTML 42Page - STMicroelectronics SPC560D30L3 Datasheet HTML 43Page - STMicroelectronics SPC560D30L3 Datasheet HTML 44Page - STMicroelectronics SPC560D30L3 Datasheet HTML 45Page - STMicroelectronics SPC560D30L3 Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 90 page
background image
Electrical characteristics
SPC560D30x, SPC56040Dx
42/90
Doc ID 16315 Rev 7
4.8
RESET electrical characteristics
The device implements a dedicated bidirectional RESET pin.
Figure 5.
Start-up reset requirements
PE[3]
7%
10%
9%
9%
PC[5]
8%
11%
9%
10%
PC[4]
8%
11%
9%
10%
PE[4]
8%
12%
10%
10%
PE[5]
8%
12%
10%
11%
PE[6]
9%
12%
10%
11%
PE[7]
9%
12%
10%
11%
PC[12]
9%
13%
11%
11%
PC[13]
9%
9%
11%
11%
PC[8]
9%
9%
11%
11%
PB[2]
9%
13%
11%
12%
1.
VDD = 3.3 V ± 10% / 5.0 V ± 10%, TA = 40 to 125 °C, unless otherwise specified
2.
SRC: “Slew Rate Control” bit in SIU_PCR
Table 22.
I/O weight(1) (continued)
Pad
LQFP100/LQFP64
Weight 5 V
Weight 3.3 V
SRC(2) = 0
SRC = 1
SRC = 0
SRC = 1
VIL
VDD
device reset forced by RESET
VDDMIN
RESET
VIH
device start-up phase



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com