Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC560D30L3 Datasheet(PDF) 68 Page - STMicroelectronics

Part # SPC560D30L3
Description  32-bit MCU family built on the Power Architecture for automotive body electronics applications
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC560D30L3 Datasheet(HTML) 68 Page - STMicroelectronics

Back Button SPC560D30L3 Datasheet HTML 64Page - STMicroelectronics SPC560D30L3 Datasheet HTML 65Page - STMicroelectronics SPC560D30L3 Datasheet HTML 66Page - STMicroelectronics SPC560D30L3 Datasheet HTML 67Page - STMicroelectronics SPC560D30L3 Datasheet HTML 68Page - STMicroelectronics SPC560D30L3 Datasheet HTML 69Page - STMicroelectronics SPC560D30L3 Datasheet HTML 70Page - STMicroelectronics SPC560D30L3 Datasheet HTML 71Page - STMicroelectronics SPC560D30L3 Datasheet HTML 72Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 90 page
background image
Electrical characteristics
SPC560D30x, SPC56040Dx
68/90
Doc ID 16315 Rev 7
tc
CC
P
Conversion time(6)
VDD = 3.3 V
fADC = 20 MHz,
INPCMP = 0
2.4
—
—
µs
fADC = 13.33 MHz,
INPCMP = 0
——
3.6
P
Conversion time(6)
VDD = 5.0 V
fADC = 32 MHz,
INPCMP = 0
1.5
—
—
µs
fADC = 13.33 MHz,
INPCMP = 0
——
3.6
CS
CC D
ADC input sampling
capacitance
—
5
pF
CP1
CC D
ADC input pin
capacitance 1
—
3
pF
CP2
CC D
ADC input pin
capacitance 2
—
1
pF
CP3
CC D
ADC input pin
capacitance 3
—
1.5
pF
RSW1
CC D
Internal resistance of
analog source
——
—
1
k
RSW2
CC D
Internal resistance of
analog source
——
—
2
k
RAD
CC D
Internal resistance of
analog source
——
—
0.3
k
IINJ
SR — Input current Injection
Current
injection on
one ADC input,
different from
the converted
one
VDD =
3.3 V ± 10%
5—
5
mA
VDD =
5.0 V ± 10%
5
—
5
INLP
CC T
Absolute Integral non-
linearity-precise
channels
No overload
—1
3
LSB
INLX
CC T
Absolute Integral non-
linearity-extended
channels
No overload
—1.5
5
LSB
DNL
CC T
Absolute Differential
non-linearity
No overload
—0.5
1
LSB
EO
CC T Absolute Offset error
—
—2
—
LSB
EG
CC T Absolute Gain error
—
—2
—
LSB
TUEP(7) CC
P Total unadjusted error
for precise channels,
input only pins
Without current injection
–6
6
LSB
T
With current injection
–8
8
Table 42.
ADC conversion characteristics (continued)
Symbol
C
Parameter
Conditions(1)
Value
Unit
Min
Typ
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com