Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC560D30L3 Datasheet(PDF) 86 Page - STMicroelectronics

Part # SPC560D30L3
Description  32-bit MCU family built on the Power Architecture for automotive body electronics applications
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC560D30L3 Datasheet(HTML) 86 Page - STMicroelectronics

Back Button SPC560D30L3 Datasheet HTML 82Page - STMicroelectronics SPC560D30L3 Datasheet HTML 83Page - STMicroelectronics SPC560D30L3 Datasheet HTML 84Page - STMicroelectronics SPC560D30L3 Datasheet HTML 85Page - STMicroelectronics SPC560D30L3 Datasheet HTML 86Page - STMicroelectronics SPC560D30L3 Datasheet HTML 87Page - STMicroelectronics SPC560D30L3 Datasheet HTML 88Page - STMicroelectronics SPC560D30L3 Datasheet HTML 89Page - STMicroelectronics SPC560D30L3 Datasheet HTML 90Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 86 / 90 page
background image
Revision history
SPC560D30x, SPC560D40x
86/90
Doc ID 16315 Rev 7
Revision history
Table 51 summarizes revisions to this document.
Table 51.
Document revision history
Date
Revision
Changes
09-Jul-2009
1
Initial release.
18-Feb-2010
2
Updated the following tables:
- Absolute maximum ratings
- Low voltage power domain electrical characteristics;
- On-chip peripherals current consumption
- DSPI characteristics;
- JTAG characteristics;
- ADC conversion characteristics;
Inserted a note on “Flash power supply DC characteristics” section.
10-Aug-2010
3
“Features” section: Updated information concerning eMIOS, ADC,
LINFlex, Nexus and low power capabilities
“Pictus 512K device comparison” table: updated the “Execution
speed” row
“Pictus 512K series block diagram” figure:
– updated max number of Crossbar Switches
– updated Legend
“Pictus 512K series block summary” table: added contents concernig
the eDMA block
“LQFP100 pin configuration (top view)” figure:
– removed alternate functions
– updated supply pins
“LQFP64 pin configuration (top view)” figure: removed alternate
functions
Added “Pin muxing” section
“NVUSRO register” section: Deleted “NVUSRO[WATCHDOG_EN]
field description“ section
“Recommended operating conditions (3.3 V)” table:
–TVDD: deleted min value
– In footnote No. 3, changed capacitance value between VDD_BV and
VSS_LV
“Recommended operating conditions (5.0 V)” table: deleted TVDD
min value
“LQFP thermal characteristics” table: changed RJC values
“I/O input DC electrical characteristics” table:
–WFI: updated max value
–WNFI: updated min value
“I/O consumption” table: removed IDYNSEG row
Added “I/O weight” table
“Program and erase specifications (Code Flash)” table: deleted
TBank_C row



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com