Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC560D30L3 Datasheet(PDF) 41 Page - STMicroelectronics

Part # SPC560D30L3
Description  32-bit MCU family built on the Power Architecture for automotive body electronics applications
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC560D30L3 Datasheet(HTML) 41 Page - STMicroelectronics

Back Button SPC560D30L3 Datasheet HTML 37Page - STMicroelectronics SPC560D30L3 Datasheet HTML 38Page - STMicroelectronics SPC560D30L3 Datasheet HTML 39Page - STMicroelectronics SPC560D30L3 Datasheet HTML 40Page - STMicroelectronics SPC560D30L3 Datasheet HTML 41Page - STMicroelectronics SPC560D30L3 Datasheet HTML 42Page - STMicroelectronics SPC560D30L3 Datasheet HTML 43Page - STMicroelectronics SPC560D30L3 Datasheet HTML 44Page - STMicroelectronics SPC560D30L3 Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 90 page
background image
SPC560D30x, SPC56040Dx
Electrical characteristics
Doc ID 16315 Rev 7
41/90
PD[7]
1%1%
1%1%
PD[8]
1%1%
1%1%
PB[4]
1%
1%
1%
1%
PB[5]
1%
1%
1%
1%
PB[6]
1%
1%
1%
1%
PB[7]
1%
1%
1%
1%
PD[9]
1%1%
1%1%
PD[10]
1%
1%
1%
1%
PD[11]
1%
1%
1%
1%
PB[11]
9%
9%
11%
11%
PD[12]
8%
8%
10%
10%
PB[12]
8%
8%
10%
10%
PD[13]
8%
8%
9%
9%
PB[13]
8%
8%
9%
9%
PD[14]
7%
7%
9%
9%
PB[14]
7%
7%
8%
8%
PD[15]
7%
7%
8%
8%
PB[15]
6%
6%
7%
7%
PA[3]
6%6%
7%7%
PA[7]
4%4%
5%5%
PA[8]
4%4%
5%5%
PA[9]
4%4%
5%5%
PA[10]
5%
5%
6%
6%
PA[11]
5%
5%
6%
6%
PE[12]
5%
5%
6%
6%
PC[3]
5%5%
6%6%
PC[2]
5%7%
6%6%
PA[5]
5%6%
5%6%
PA[6]
4%4%
5%5%
PC[1]
5%
17%
4%
12%
PC[0]
6%9%
7%8%
PE[2]
7%
10%
8%
9%
Table 22.
I/O weight(1) (continued)
Pad
LQFP100/LQFP64
Weight 5 V
Weight 3.3 V
SRC(2) = 0
SRC = 1
SRC = 0
SRC = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com