Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC560D30L3 Datasheet(PDF) 51 Page - STMicroelectronics

Part # SPC560D30L3
Description  32-bit MCU family built on the Power Architecture for automotive body electronics applications
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC560D30L3 Datasheet(HTML) 51 Page - STMicroelectronics

Back Button SPC560D30L3 Datasheet HTML 47Page - STMicroelectronics SPC560D30L3 Datasheet HTML 48Page - STMicroelectronics SPC560D30L3 Datasheet HTML 49Page - STMicroelectronics SPC560D30L3 Datasheet HTML 50Page - STMicroelectronics SPC560D30L3 Datasheet HTML 51Page - STMicroelectronics SPC560D30L3 Datasheet HTML 52Page - STMicroelectronics SPC560D30L3 Datasheet HTML 53Page - STMicroelectronics SPC560D30L3 Datasheet HTML 54Page - STMicroelectronics SPC560D30L3 Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 90 page
background image
SPC560D30x, SPC56040Dx
Electrical characteristics
Doc ID 16315 Rev 7
51/90
ECC circuitry provides correction of single bit faults and is used to improve further
automotive reliability results. Some units will experience single bit corrections throughout
the life of the product with no impact to product reliability.
4.11.2
Flash power supply DC characteristics
Table 31 shows the power supply DC characteristics on external supply.
Note:
Power supply for data flash is actually provided by code flash; this means that data flash
cannot work if code flash is not powered.
4.11.3
Start-up/Switch-off timings
Table 30.
Flash memory read access timing
Symbol
C
Parameter
Conditions
(1)
Max Unit
fCFREAD CC
P Maximum working frequency for reading code flash memory at given
number of wait states in worst conditions
2 wait states
48
MHz
C
0 wait states
20
fDFREAD CC P
Maximum working frequency for reading data flash memory at given
number of wait states in worst conditions
6 wait states
48
MHz
1.
VDD = 3.3 V ± 10% / 5.0 V ± 10%, TA = 40 to 125 °C, unless otherwise specified
Table 31.
Flash power supply DC electrical characteristics
Symbol
C
Parameter
Conditions(1)
Value
Unit
Min Typ Max
ICFREAD CC D Sum of the current consumption on
VDDHV and VDDBV on read access
Flash module read
fCPU = 48 MHz
Code flash
—
—
33
mA
IDFREAD CC D
Data flash
—
—
4
mA
ICFMOD CC D Sum of the current consumption on
VDDHV and VDDBV on matrix
modification (program/erase)
Program/Erase on-going
while reading flash registers,
fCPU = 48 MHz
Code flash
—
—
33
mA
IDFMOD CC D
Data flash
—
—
6
mA
IFLPW CC D
Sum of the current consumption on
VDDHV and VDDBV during
flash low-power mode
—
Code flash
—
—
910
µA
ICFPWD CC D Sum of the current consumption on
VDDHV and VDDBV during
flash power-down mode
—
Code flash
—
—
125
µA
IDFPWD CC D
Data flash
—
—
25
µA
1.
VDD = 3.3 V ± 10% / 5.0 V ± 10%, TA = 40 to 125 °C, unless otherwise specified
Table 32.
Start-up time/Switch-off time
Symbol
C
Parameter
Conditions(1)
Value
Unit
Min
Typ
Max
tFLARSTEXIT
C
C
T Delay for flash module to exit reset mode
Code flash
—
—
125
µs
Data flash
—
—
150
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com