Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC560D30L3 Datasheet(PDF) 89 Page - STMicroelectronics

Part # SPC560D30L3
Description  32-bit MCU family built on the Power Architecture for automotive body electronics applications
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC560D30L3 Datasheet(HTML) 89 Page - STMicroelectronics

Back Button SPC560D30L3 Datasheet HTML 82Page - STMicroelectronics SPC560D30L3 Datasheet HTML 83Page - STMicroelectronics SPC560D30L3 Datasheet HTML 84Page - STMicroelectronics SPC560D30L3 Datasheet HTML 85Page - STMicroelectronics SPC560D30L3 Datasheet HTML 86Page - STMicroelectronics SPC560D30L3 Datasheet HTML 87Page - STMicroelectronics SPC560D30L3 Datasheet HTML 88Page - STMicroelectronics SPC560D30L3 Datasheet HTML 89Page - STMicroelectronics SPC560D30L3 Datasheet HTML 90Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 89 / 90 page
background image
SPC560D30x, SPC560D40x
Revision history
Doc ID 16315 Rev 7
89/90
04-Feb-2013
6
Removed all instances of table footnote “All values need to be
confirmed during device validation”
Section 4.1, Introduction, removed Caution note.
Table 11 (Recommended operating conditions (3.3 V)), added
minimum value of TVDD and footnote about it.
Table 12 (Recommended operating conditions (5.0 V)), added
minimum value of TVDD and footnote about it.
Updated Section 4.17.2, Input impedance and ADC accuracy
In Table 24, changed VLVDHV3L, VLVDHV3BL from 2.7 V to 2.6 V.
Revised the Table 28 (Flash module life)
Updated Table 43, DSPI characteristics, to add specifications 7 and
8, tPCSC and tPASC.
Inserted Figure 24, DSPI PCS strobe (PCSS) timing.
17-Sep-2013
7
Updated Disclaimer.
Table 51.
Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com