Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC560D30L3 Datasheet(PDF) 50 Page - STMicroelectronics

Part # SPC560D30L3
Description  32-bit MCU family built on the Power Architecture for automotive body electronics applications
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC560D30L3 Datasheet(HTML) 50 Page - STMicroelectronics

Back Button SPC560D30L3 Datasheet HTML 46Page - STMicroelectronics SPC560D30L3 Datasheet HTML 47Page - STMicroelectronics SPC560D30L3 Datasheet HTML 48Page - STMicroelectronics SPC560D30L3 Datasheet HTML 49Page - STMicroelectronics SPC560D30L3 Datasheet HTML 50Page - STMicroelectronics SPC560D30L3 Datasheet HTML 51Page - STMicroelectronics SPC560D30L3 Datasheet HTML 52Page - STMicroelectronics SPC560D30L3 Datasheet HTML 53Page - STMicroelectronics SPC560D30L3 Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 90 page
background image
Electrical characteristics
SPC560D30x, SPC56040Dx
50/90
Doc ID 16315 Rev 7
t32Kpperase CC C 32 KB block preprogram and erase time
—
400
600
5000
ms
t128Kpperase CC C 128 KB block preprogram and erase time
—
800
1300
7500
ms
tesus
CC C Erase suspend latency
—
—
30
30
µs
1.
Typical program and erase times assume nominal supply values and operation at 25 °C. All times are subject to change
pending device characterization.
2.
Initial factory condition: < 100 program/erase cycles, 25 °C, typical supply voltage.
3.
The maximum program and erase times occur after the specified number of program/erase cycles. These maximum values
are characterized but not guaranteed.
4.
Actual hardware programming times. This does not include software overhead.
Table 27.
Program and erase specifications (code flash)
Symbol
C
Parameter
Value
Unit
Min
Typ(1)
Initial
max(2)
Max(3)
Table 28.
Program and erase specifications (data flash)
Symbol
C
Parameter
Value
Unit
Min
Typ(1)
Initial
max(2)
Max(3)
tswprogram
CC C Single word (32 bits) program time(4)
—
30
70
300
µs
t16Kpperase CC C 16 KB block preprogram and erase time
—
700
800
1500
ms
tBank_D
CC C 64 KB block preprogram and erase time
—
1900
2300
4800
ms
1.
Typical program and erase times assume nominal supply values and operation at 25 °C. All times are subject to change
pending device characterization.
2.
Initial factory condition: < 100 program/erase cycles, 25 °C, typical supply voltage.
3.
The maximum program and erase times occur after the specified number of program/erase cycles. These maximum values
are characterized but not guaranteed.
4.
Actual hardware programming times. This does not include software overhead.
Table 29.
Flash module life
Symbol
C
Parameter
Conditions
Value
Unit
Min
Typ
Max
P/E
CC C
Number of program/erase
cycles per block over the
operating temperature range
(TJ)
16 KB blocks
100000
—
—
cycles
32 KB blocks
10000
100000
—
cycles
128 KB blocks
1000
100000
—
cycles
Retention CC C
Minimum data retention at 85
°C average ambient
temperature(1)
Blocks with
0–1000 P/E cycles
20
—
—
years
Blocks with
1001–10000 P/E cycles
10
—
—
Blocks with
10001–100000 P/E cycles
5—
—
1.
Ambient temperature averaged over application duration. It is recommended not to exceed the product operating
temperature range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com