Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC560D30L3 Datasheet(PDF) 29 Page - STMicroelectronics

Part # SPC560D30L3
Description  32-bit MCU family built on the Power Architecture for automotive body electronics applications
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC560D30L3 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button SPC560D30L3 Datasheet HTML 25Page - STMicroelectronics SPC560D30L3 Datasheet HTML 26Page - STMicroelectronics SPC560D30L3 Datasheet HTML 27Page - STMicroelectronics SPC560D30L3 Datasheet HTML 28Page - STMicroelectronics SPC560D30L3 Datasheet HTML 29Page - STMicroelectronics SPC560D30L3 Datasheet HTML 30Page - STMicroelectronics SPC560D30L3 Datasheet HTML 31Page - STMicroelectronics SPC560D30L3 Datasheet HTML 32Page - STMicroelectronics SPC560D30L3 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 90 page
background image
SPC560D30x, SPC56040Dx
Electrical characteristics
Doc ID 16315 Rev 7
29/90
4.3
NVUSRO register
Bit values in the Non-Volatile User Options (NVUSRO) Register control portions of the
device configuration, namely electrical parameters such as high voltage supply and
oscillator margin, as well as digital functionality (watchdog enable/disable after reset).
For a detailed description of the NVUSRO register, please refer to the device reference
manual.
4.3.1
NVUSRO[PAD3V5V] field description
The DC electrical characteristics are dependent on the PAD3V5V bit value. Table 8 shows
how NVUSRO[PAD3V5V] controls the device configuration.
4.3.2
NVUSRO[OSCILLATOR_MARGIN] field description
The fast external crystal oscillator consumption is dependent on the
OSCILLATOR_MARGIN bit value. Table 9 shows how NVUSRO[OSCILLATOR_MARGIN]
controls the device configuration.
4.3.3
NVUSRO[WATCHDOG_EN] field description
The watchdog enable/disable configuration after reset is dependent on the
WATCHDOG_EN bit value. Table 9 shows how NVUSRO[WATCHDOG_EN] controls the
device configuration.
Table 8.
PAD3V5V field description
Value(1)
1.
Default manufacturing value is ‘1’. Value can be programmed by customer in Shadow Flash.
Description
0
High voltage supply is 5.0 V
1
High voltage supply is 3.3 V
Table 9.
OSCILLATOR_MARGIN field description
Value(1)
1.
Default manufacturing value is ‘1’. Value can be programmed by customer in Shadow Flash.
Description
0
Low consumption configuration (4 MHz/8 MHz)
1
High margin configuration (4 MHz/16 MHz)
Table 10.
WATCHDOG_EN field description
Value(1)
1.
Default manufacturing value is ‘1’. Value can be programmed by customer in Shadow Flash.
Description
0
Disable after reset
1
Enable after reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com