Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD3SS214 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # HD3SS214
Description  8.1 Gbps DisplayPort 1.3 2:1/1:2 Differential Switch
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

HD3SS214 Datasheet(HTML) 2 Page - Texas Instruments

  HD3SS214 Datasheet HTML 1Page - Texas Instruments HD3SS214 Datasheet HTML 2Page - Texas Instruments HD3SS214 Datasheet HTML 3Page - Texas Instruments HD3SS214 Datasheet HTML 4Page - Texas Instruments HD3SS214 Datasheet HTML 5Page - Texas Instruments HD3SS214 Datasheet HTML 6Page - Texas Instruments HD3SS214 Datasheet HTML 7Page - Texas Instruments HD3SS214 Datasheet HTML 8Page - Texas Instruments HD3SS214 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
HD3SS214
SLAS907 – DECEMBER 2015
www.ti.com
Table of Contents
8.3
Feature Description................................................... 9
1
Features .................................................................. 1
8.4
Device Functional Modes........................................ 10
2
Applications ........................................................... 1
9
Application and Implementation ........................ 11
3
Description ............................................................. 1
9.1
Application Information............................................ 11
4
Revision History..................................................... 2
9.2
Typical Application ................................................. 11
5
Pin Configuration and Functions ......................... 3
10
Power Supply Recommendations ..................... 16
6
Specifications......................................................... 5
11
Layout................................................................... 16
6.1
Absolute Maximum Ratings ...................................... 5
11.1
Layout Guidelines ................................................. 16
6.2
ESD Ratings.............................................................. 5
11.2
Layout Example .................................................... 17
6.3
Recommended Operating Conditions ....................... 5
12
Device and Documentation Support ................. 19
6.4
Thermal Information .................................................. 5
12.1
Device Support .................................................... 19
6.5
Electrical Characteristics........................................... 6
12.2
Community Resources.......................................... 19
6.6
Electrical Characteristics, Device Parameters .......... 6
12.3
Trademarks ........................................................... 19
6.7
Timing Requirements ................................................ 7
12.4
Electrostatic Discharge Caution ............................ 19
7
Typical Characteristics.......................................... 7
12.5
Glossary ................................................................ 19
8
Detailed Description .............................................. 8
13
Mechanical, Packaging, and Orderable
8.1
Overview ................................................................... 8
Information ........................................................... 19
8.2
Functional Block Diagram ......................................... 9
4 Revision History
DATE
REVISION
NOTES
December 2015
*
Initial release.
2
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: HD3SS214



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com