Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD3SS214 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # HD3SS214
Description  8.1 Gbps DisplayPort 1.3 2:1/1:2 Differential Switch
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

HD3SS214 Datasheet(HTML) 14 Page - Texas Instruments

Back Button HD3SS214 Datasheet HTML 10Page - Texas Instruments HD3SS214 Datasheet HTML 11Page - Texas Instruments HD3SS214 Datasheet HTML 12Page - Texas Instruments HD3SS214 Datasheet HTML 13Page - Texas Instruments HD3SS214 Datasheet HTML 14Page - Texas Instruments HD3SS214 Datasheet HTML 15Page - Texas Instruments HD3SS214 Datasheet HTML 16Page - Texas Instruments HD3SS214 Datasheet HTML 17Page - Texas Instruments HD3SS214 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
HD3SS214
SLAS907 – DECEMBER 2015
www.ti.com
Figure 7. Combined AUX/DDC Circuitry
In this circuit, the unified AUX/DDC lines are split into two branches prior to entering the HD3SS214. One branch
is AC coupled and is connected to the AUX inputs of the HD3SS214. The other is connected to the DDC inputs.
AUX_SEL is configured so that the HD3SS214 transmits both of these through the switch. A conditional pull-up
resistor system is connected to the DDC branch of the line. This resistor system will enable the pull-up resistors
on the line only when HDMI/DVI signals are being transmitted, that is, when AUX is transmitting DDC signals.
This prevents the AUX signal from being interfered with during standard DP mode and enables I2C DDC
signaling during HDMI/DVI mode
The control input for the conditional pull-up circuit is the Cable Adaptor Detect (CAD) signal. When an HDMI or
DVI sink is being used, this signal goes high, which indicates that the AUX line must transmit the DDC signal.
When a standard DP sink is being used, the CAD signal goes low, indicating that the AUX line is transmitting its
normal AUX signal. In this way, the CAD signal indicates when the AUX/DDC lines need pull-up resistors and
when they do not.
The conditional pull-up circuit consists of an inverter, a p-type MOSFET, and two pull-up resistors. The FET acts
as a switch between the pull-up resistors. When CAD is high (indicating that pull-up resistors are needed), the
inverter outputs a low signal, which brings the Vgs of the FET below the FET’s threshold voltage. Pulling Vgs
below the threshold voltage turns the p-type FET on. When the FET turns on, it connects the AUX line’s pull-up
resistors to VCC, which enables them.
The chosen inverter is a Texas Instruments SN74AHC1G04 inverter, which has very fast response times and
very good electrical characteristics for VOH and VOL. The MOSFET chosen is a Texas Instruments TPS1120
(SLVS080). This device has a convenient dual transistor package, an ideal threshold voltage and very low drain-
to-source resistance when on. Together, these two devices have a desirable noise margin of 0.9 V.
14
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: HD3SS214



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com