Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD3SS214 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # HD3SS214
Description  8.1 Gbps DisplayPort 1.3 2:1/1:2 Differential Switch
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

HD3SS214 Datasheet(HTML) 10 Page - Texas Instruments

Back Button HD3SS214 Datasheet HTML 6Page - Texas Instruments HD3SS214 Datasheet HTML 7Page - Texas Instruments HD3SS214 Datasheet HTML 8Page - Texas Instruments HD3SS214 Datasheet HTML 9Page - Texas Instruments HD3SS214 Datasheet HTML 10Page - Texas Instruments HD3SS214 Datasheet HTML 11Page - Texas Instruments HD3SS214 Datasheet HTML 12Page - Texas Instruments HD3SS214 Datasheet HTML 13Page - Texas Instruments HD3SS214 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
HD3SS214
SLAS907 – DECEMBER 2015
www.ti.com
Feature Description (continued)
8.3.2 HPD, AUX, and DDC Switching
HPD, AUX, and DDC switching is supported through the HD3SS214. This enables the device to work in multiple
application scenarios within multiple electrical standards. The AUXA/B and DDCA/B lines can both be switched
to the AUXC port. This feature supports DP++ or AUX only adapters. For HDMI applications, the DDC channels
are switched to the DDC_C port only and the AUX channel can remain active or the end user can make it float.
8.3.3 Output Enable and Power Savings
The HD3SS214 has two power modes, active/normal operating mode, and standby mode. During standby mode,
the device consumes very little current to save the maximum power. To enter standby mode, the OE control pin
is pulled low and must remain low. For active/normal operation, the OE control pin should be pulled high to VDD
through a resistor.
8.4 Device Functional Modes
The HD3SS214 behaves as a two to one or one to two using high bandwidth pass gates. The input ports are
selected using the Dx_SEL pin and Dx_SEL pin which are shown in Table 1.
Table 1. AUX/DDC Switch Control Logic(1)
CONTROL LINES
SWITCHED I/O PINS
(2)
AUX_S
DCz(p) Pin
DCz(n) Pin
Dx_SEL
HPDC Pin
AUXA
AUXB
AUXC
DDCA
DDCB
DDCC
EL
z = 0, 1 ,2 or 3
z = 0, 1 ,2 or 3
To/From
L
L
DAz(p)
DAz(n)
HPDA
To/From AUXC
Z
Z
Z
Z
AUXA
To/From
L
H
DBz(p)
DBz(n)
HPDB
Z
To/From AUXC
Z
Z
Z
AUXB
To/From
To/From
H
L
DAz(p)
DAz(n)
HPDA
Z
Z
Z
Z
DDCA
AUXC
To/From
H
H
DBz(p)
DBz(n)
HPDB
Z
Z
Z
To/From AUXC
Z
DDCB
To/From
To/From
M
(2)
L
DAz(p)
DAz(n)
HPDA
To/From AUXC
Z
Z
To/From DDCA
AUXA
DDCC
To/From
M
(2)
H
DBz(p)
DBz(p)
HPDB
Z
To/From AUXC
Z
To/From DDCC
To/From DDCB
AUXB
(1)
OE pin - For normal operation, drive OE high. Driving the OE pin low will disable the switch. Note: The ports which are not selected by
the control lines will be in high impedance status.
(2)
Z = High Impedance
10
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: HD3SS214



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com