Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD3SS214 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # HD3SS214
Description  8.1 Gbps DisplayPort 1.3 2:1/1:2 Differential Switch
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

HD3SS214 Datasheet(HTML) 4 Page - Texas Instruments

  HD3SS214 Datasheet HTML 1Page - Texas Instruments HD3SS214 Datasheet HTML 2Page - Texas Instruments HD3SS214 Datasheet HTML 3Page - Texas Instruments HD3SS214 Datasheet HTML 4Page - Texas Instruments HD3SS214 Datasheet HTML 5Page - Texas Instruments HD3SS214 Datasheet HTML 6Page - Texas Instruments HD3SS214 Datasheet HTML 7Page - Texas Instruments HD3SS214 Datasheet HTML 8Page - Texas Instruments HD3SS214 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
HD3SS214
SLAS907 – DECEMBER 2015
www.ti.com
Pin Functions (continued)
PIN
I/O
DESCRIPTION(1)
NO.
NAME
Output Enable:
B7
OE
I
OE = VIH: Normal Operation
OE = VIL: Standby Mode
B8
DB0(p)
I/O
Port B, Channel 0, High Speed Positive Signal
B9
DB0(n)
I/O
Port B, Channel 0, High Speed Negative Signal
C2
AUX_SEL
Control I
AUX/DDC Selection Control Pin in Conjunction with Dx_SEL Pin
D1
DC1(n)
I/O
Port C, Channel 1, High Speed Negative Signal
D2
DC1(p)
I/O
Port C, Channel 1, High Speed Positive Signal
D8
DB1(p)
I/O
Port B, Channel 1, High Speed Positive Signal
D9
DB1(n)
I/O
Port B, Channel 1, High Speed Negative Signal
E1
DC2(p)
I/O
Port C, Channel 2, High Speed Positive Signal
E2
DC2(n)
I/O
Port C, Channel 2, High Speed Negative Signal
E8
DB2(p)
I/O
Port B, Channel 2, High Speed Positive Signal
E9
DB2(n)
I/O
Port B, Channel 2, High Speed Negative Signal
F1
DC3(n)
I/O
Port C, Channel 3, High Speed Negative Signal
F2
DC3(p)
I/O
Port C, Channel 3, High Speed Positive Signal
F8
DB3(p)
I/O
Port B, Channel 3, High Speed Positive Signal
F9
DB3(n)
I/O
Port B, Channel 3, High Speed Negative Signal
H1
AUXC(n)
I/O
Port C AUX Negative Signal
H2
AUXC(p)
I/O
Port C AUX Positive Signal
H3
HPDB
I/O
Port B Hot Plug Detect
H6
AUXB(p)
I/O
Port B AUX Positive Signal
H5
DDCCLK_B
I/O
Port B DDC Clock Signal
H8
DDCCLK_A
I/O
Port A DDC Clock Signal
H9
AUXA(p)
I/O
Port A AUX Positive Signal
J1
HPDC
I/O
Port C Hot Plug Detect
J2
HPDA
I/O
Port A Hot Plug Detect
J3
DDCCLK_C
I/O
Port C DDC Clock Signal
J5
DDCDAT_B
I/O
Port B DDC Data Signal
J6
AUXB(n)
I/O
Port B AUX Negative Signal
J7
DDCDAT_C
I/O
Port C DDC Data Signal
J8
DDCDAT_A
I/O
Port A DDC Data Signal
J9
AUXA(n)
I/O
Port A AUX Negative Signal
4
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: HD3SS214



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com