Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD3SS214 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # HD3SS214
Description  8.1 Gbps DisplayPort 1.3 2:1/1:2 Differential Switch
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

HD3SS214 Datasheet(HTML) 6 Page - Texas Instruments

Back Button HD3SS214 Datasheet HTML 2Page - Texas Instruments HD3SS214 Datasheet HTML 3Page - Texas Instruments HD3SS214 Datasheet HTML 4Page - Texas Instruments HD3SS214 Datasheet HTML 5Page - Texas Instruments HD3SS214 Datasheet HTML 6Page - Texas Instruments HD3SS214 Datasheet HTML 7Page - Texas Instruments HD3SS214 Datasheet HTML 8Page - Texas Instruments HD3SS214 Datasheet HTML 9Page - Texas Instruments HD3SS214 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
HD3SS214
SLAS907 – DECEMBER 2015
www.ti.com
6.5 Electrical Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IIH
Input High Current (Dx_SEL, AUX_SEL)
VDD = 3.6 V, VIN = VDD
1
µA
IIM
Input Mid Current (AUX_SEL)
VDD = 3.6 V, VIN = VDD/2
1
µA
IIL
Input Low Current (Dx_SEL, AUX_SEL)
VDD = 3.6 V, VIN =GND
1
µA
Leakage Current (Dx_SEL, AUX_SEL)
VDD = 3.3 V, VIN = 2 V, OE = 3.3 V
1
µA
VDD = 3.3 V, VIN = 2 V, OE = 3.3 V;
Leakage Current (HPDx)
1
µA
ILKG
Dx_SEL = 3.3 V
VDD = 3.3 V, VIN = 2 V, OE = 3.3 V;
Leakage Current (HPDx)
1
µA
Dx_SEL = GND
IOFF
Device Shut Down Current
VDD = 3.6 V, OE = GND
2.5
µA
IDD
Supply Current
VDD = 3.6 V, Dx_SEL/AUX_SEL = VDD/GND
0.6
1
mA
DA, DB, DC HIGH SPEED SIGNAL PATH
CON
Outputs ON Capacitance
VIN = 0 V, Outputs Open, Switch ON
0.6
pF
COFF
Outputs OFF Capacitance
VIN = 0 V, Outputs Open, Switch OFF
0.8
pF
RON
ON resistance
VDD = 3.3 V, VCM = 0.5 V – 1.5 V, IO = -40 mA
8
12
Ω
On resistance match between pairs of the
VDD = 3.3 V, VCM = 0.5 V ≤ VIN ≤ 1.2 V,
ΔRON
1.5
Ω
same channel
IO = -40 mA
On resistance flatness
R(FLAT_ON)
VDD = 3.3 V, VCM = 0.5 V ≤ VIN ≤ 1.2 V
1.3
Ω
(RON(MAX) – RON(MAIN)
AUXX, DDC, SIGNAL PATH
RON(AUX)
ON resistance on AUX channel
VDD = 3.3 V, VCM = 0 V – VDD, IO = -8 mA
6
10
Ω
RON(DDC)
ON resistance on DDC channel
VDD = 3.3 V, VCM = 0.4 V, IO = -3 mA
20
30
Ω
6.6 Electrical Characteristics, Device Parameters
over operating free-air temperature range (unless otherwise noted)
PARAMETER(1)
TEST CONDITIONS
MIN
TYP
MAX
UNIT
1.35 GHz
–0.9
dB
IL
Dx Differential Insertion Loss
2.7 GHz
–1.4
dB
4.05 GHz
–1.6
dB
1.35 GHz
–17
dB
RL
Dx Differential Return Loss
2.7 GHz
–13
dB
4.05 GHz
–11
dB
1.35 GHz
dB
XTALK
Dx Differential Crosstalk
2.7 GHz
–53
dB
4.05 GHz
–47
dB
1.35 GHz
dB
OIRR
Dx Differential Off-Isolation
2.7 GHz
–26
dB
4.05 GHz
–24
dB
AUX Bandwidth
500
MHz
(1)
For Return Loss, Crosstalk, Off-Isolation, and Insertion Loss values the data was collected on a Rogers material board with minimum
length traces on the input and output of the device under test.
6
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: HD3SS214



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com