Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD3SS214 Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # HD3SS214
Description  8.1 Gbps DisplayPort 1.3 2:1/1:2 Differential Switch
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

HD3SS214 Datasheet(HTML) 22 Page - Texas Instruments

Back Button HD3SS214 Datasheet HTML 17Page - Texas Instruments HD3SS214 Datasheet HTML 18Page - Texas Instruments HD3SS214 Datasheet HTML 19Page - Texas Instruments HD3SS214 Datasheet HTML 20Page - Texas Instruments HD3SS214 Datasheet HTML 21Page - Texas Instruments HD3SS214 Datasheet HTML 22Page - Texas Instruments HD3SS214 Datasheet HTML 23Page - Texas Instruments HD3SS214 Datasheet HTML 24Page - Texas Instruments HD3SS214 Datasheet HTML 25Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 22 / 25 page
background image
www.ti.com
PACKAGE OUTLINE
C
1 MAX
TYP
0.25
0.15
4
TYP
4 TYP
0.5 TYP
0.5 TYP
50X 0.35
0.25
A
5.1
4.9
B
5.1
4.9
(0.5) TYP
(0.74)
(0.5) TYP
BGA MicroStar Jr - 1 mm max height
ZQE0050A
PLASTIC BALL GRID ARRAY
4221625/A 02/2015
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. Reference JEDEC registration MO-225.
J
A
B
MicroStar Junior is trademark of Texas Instruments.
TM
BALL A1 CORNER
INDEX AREA
SEATING PLANE
BALL TYP
0.08 C
H
G
F
E
D
C
1 2
3
0.15
C A
B
0.05
C
SYMM
SYMM
4 5
6
7 8 9
SCALE 2.500



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com