Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD3SS214 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # HD3SS214
Description  8.1 Gbps DisplayPort 1.3 2:1/1:2 Differential Switch
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

HD3SS214 Datasheet(HTML) 12 Page - Texas Instruments

Back Button HD3SS214 Datasheet HTML 8Page - Texas Instruments HD3SS214 Datasheet HTML 9Page - Texas Instruments HD3SS214 Datasheet HTML 10Page - Texas Instruments HD3SS214 Datasheet HTML 11Page - Texas Instruments HD3SS214 Datasheet HTML 12Page - Texas Instruments HD3SS214 Datasheet HTML 13Page - Texas Instruments HD3SS214 Datasheet HTML 14Page - Texas Instruments HD3SS214 Datasheet HTML 15Page - Texas Instruments HD3SS214 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
HD3SS214
SLAS907 – DECEMBER 2015
www.ti.com
9.2.3 Detailed Design Procedure
9.2.3.1 DP Inputs
The HD3SS214 is used as a 1:2 DP switch, the DCx[p/n] are connected to the GPU; the outputs (DAx[p/n] and
DBx[p/n] ) are routed to the ++DP connectors of the platform.
NOTE
This application information is only to show the principles of operation of the HD3SS214
and not the requirements of all the implementation. Many implementations will require
external circuitry to compensate for signal loss (like a DP re-driver).
9.2.3.2 Source Selection Interface
Two control pins on the HD3SS214 are responsible for selecting the incoming DP signal: Dx_SEL and
AUX_SEL. Dx_SEL controls which high speed ports are selected. A low signal on Dx_SEL corresponds to Port A
routed to Port C and a high signal corresponds to Port B routed to Port C. A slide switch is used to select the
level for this signal. In an embedded application, this switch can be replaced by a GPIO signal from a
microcontroller.
AUX channel is controlled by AUX_SEL. This pin configures the switch to route the incoming AUX signal to the
outgoing AUX path, when AUX_SEL = 0 the AUXA channel will be routed to AUXC, when AUX_SEL = 1 the
AUXB channel will be routed to AUXC. Figure 5 shows the selection circuitry.
Figure 5. AUX_SEL Schematic
12
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: HD3SS214



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com