Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD3SS214 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # HD3SS214
Description  8.1 Gbps DisplayPort 1.3 2:1/1:2 Differential Switch
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

HD3SS214 Datasheet(HTML) 16 Page - Texas Instruments

Back Button HD3SS214 Datasheet HTML 12Page - Texas Instruments HD3SS214 Datasheet HTML 13Page - Texas Instruments HD3SS214 Datasheet HTML 14Page - Texas Instruments HD3SS214 Datasheet HTML 15Page - Texas Instruments HD3SS214 Datasheet HTML 16Page - Texas Instruments HD3SS214 Datasheet HTML 17Page - Texas Instruments HD3SS214 Datasheet HTML 18Page - Texas Instruments HD3SS214 Datasheet HTML 19Page - Texas Instruments HD3SS214 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
5 to 10 mils
5 to 10 mils
20 to 40 mils
Layer 1: High-speed, differential
signal traces
Layer 2: Ground plane
Layer 3: Power plane
Layer 4: Low-frequency,
single-ended traces
Layer 1: High-speed, differential
signal traces
Layer 2: Ground
Layer 4: VCC2
Layer 6: Low-frequency,
single-ended traces
Layer 3: VCC1
Layer 5: Ground
HD3SS214
SLAS907 – DECEMBER 2015
www.ti.com
10 Power Supply Recommendations
There is no power supply sequence required for HD3SS214. However, it is recommended that OE is asserted
high after device supply VDD is stable and in spec. It is also recommended that ample decoupling capacitors are
placed at the device VCC near the pin.
11 Layout
11.1 Layout Guidelines
11.1.1 Layer Stack
Routing the high-speed differential signal traces on the top layer avoids the use of vias (and the introduction of
their inductances) and allows for clean interconnects from the DisplayPort connectors to the repeater inputs and
from the repeater output to the subsequent receiver circuit.
Placing a solid ground plane next to the high-speed signal layer establishes controlled impedance for
transmission line interconnects and provides an excellent low-inductance path for the return current flow.
Placing the power plane next to the ground plane creates additional high-frequency bypass capacitance.
Routing the fast-edged control signals on the bottom layer by prevents them from cross-talking into the high-
speed signal traces and minimizes EMI.
If the receiver requires a supply voltage different from the one of the repeater, add a second power/ground plane
system to the stack to keep it symmetrical. This makes the stack mechanically stable and prevents it from
warping. Also, the power and ground plane of each power system can be placed closer together, thus increasing
the high-frequency bypass capacitance significantly. Finally, a second power/ground system provides added
isolation between the signal layers.
Figure 9. Recommended 4- or 6- Layer (0.062") Stack for a Receiver PCB Design
16
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: HD3SS214



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com