Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD3SS214 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # HD3SS214
Description  8.1 Gbps DisplayPort 1.3 2:1/1:2 Differential Switch
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

HD3SS214 Datasheet(HTML) 3 Page - Texas Instruments

  HD3SS214 Datasheet HTML 1Page - Texas Instruments HD3SS214 Datasheet HTML 2Page - Texas Instruments HD3SS214 Datasheet HTML 3Page - Texas Instruments HD3SS214 Datasheet HTML 4Page - Texas Instruments HD3SS214 Datasheet HTML 5Page - Texas Instruments HD3SS214 Datasheet HTML 6Page - Texas Instruments HD3SS214 Datasheet HTML 7Page - Texas Instruments HD3SS214 Datasheet HTML 8Page - Texas Instruments HD3SS214 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
1
2
3
4
5
6
7
8
9
A
B
C
D
E
F
G
H
J
Dx_SEL
VDD
DA0(n)
DA1(n)
DA2(n)
DA3(p)
DA3(n)
DC0(n)
DC0(p)
GND
DA0(p)
DA1(p)
DA2(p)
OE
DB0(p)
DB0(n)
AUX_SEL
GND
DC1(n)
DC1(p)
DB1(p)
DB1(n)
DC2(p)
DC2(n)
DB2(p)
DB2(n)
DC3(n)
DC3(p)
DB3(p)
DB3(n)
GND
GND
AUXC(n)
AUXC(p)
HPDB
GND
DDCCLK_B AUXB(p)
GND
DDCCLK_A
AUXA(p)
HPDC
HPDA
DDCCLK_C
VDD
DDCDAT_B
AUXB(n)
DDCDAT_C DDCDAT_A
AUXA(n)
HD3SS214
www.ti.com
SLAS907 – DECEMBER 2015
5 Pin Configuration and Functions
ZQE Package
50-ball (µBGA)
Top View
Pin Functions
PIN
I/O
DESCRIPTION(1)
NO.
NAME
A1
Dx_SEL
Control I
High Speed Port Selection Control Pins
A2, J4
VDD
Supply
3.3 V Positive power supply voltage
A4
DA0(n)
I/O
Port A, Channel 0, High Speed Negative Signal
A5
DA1(n)
I/O
Port A, Channel 1, High Speed Negative Signal
A6
DA2(n)
I/O
Port A, Channel 2, High Speed Negative Signal
A8
DA3(p)
I/O
Port A, Channel 3, High Speed Positive Signal
A9
DA3(n)
I/O
Port A, Channel 3, High Speed Negative Signal
B1
DC0(n)
I/O
Port C, Channel 0, High Speed Negative Signal
B2
DC0(p)
I/O
Port C, Channel 0, High Speed Positive Signal
B3, C8, G2,
GND
Supply
Ground
G8, H4, H7
B4
DA0(p)
I/O
Port A, Channel 0, High Speed Positive Signal
B5
DA1(p)
I/O
Port A, Channel 1, High Speed Positive Signal
B6
DA2(p)
I/O
Port A, Channel 2, High Speed Positive Signal
(1)
The high speed data ports incorporate 20-k
Ω pull down resistors that are switched in when a port is not selected and switched out when
the port is selected.
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: HD3SS214



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com