Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD3SS214 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # HD3SS214
Description  8.1 Gbps DisplayPort 1.3 2:1/1:2 Differential Switch
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

HD3SS214 Datasheet(HTML) 7 Page - Texas Instruments

Back Button HD3SS214 Datasheet HTML 3Page - Texas Instruments HD3SS214 Datasheet HTML 4Page - Texas Instruments HD3SS214 Datasheet HTML 5Page - Texas Instruments HD3SS214 Datasheet HTML 6Page - Texas Instruments HD3SS214 Datasheet HTML 7Page - Texas Instruments HD3SS214 Datasheet HTML 8Page - Texas Instruments HD3SS214 Datasheet HTML 9Page - Texas Instruments HD3SS214 Datasheet HTML 10Page - Texas Instruments HD3SS214 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
Frequency (Hz)
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
1E+8
1E+9
1E+10
D003
Frequency (Hz)
-30
-25
-20
-15
-10
-5
0
1E+8
1E+9
1E+10
D001
Frequency (Hz)
-30
-25
-20
-15
-10
-5
0
1E+8
1E+9
1E+10
D002
HD3SS214
www.ti.com
SLAS907 – DECEMBER 2015
6.7 Timing Requirements
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
tPD
Switch propagation delay
RSC and RL = 50 Ω
100
ps
Dx_SEL/AUX_SEL–to-Switch ton (Data and AUX
ton
0.7
1
and DDC)
RSC and RL = 50 Ω
µs
Dx_SEL/AUX_SEL–to-Switch toff (Data and AUX
toff
0.7
1
and DDC)
ton
Dx_SEL/AUX_SEL –to-Switch ton (HPD)
0.7
1
RL = 1 kΩ
µs
toff
Dx_SEL/AUX_SEL –to-Switch toff (HPD)
0.7
1
tSK(O)
Inter-Pair Output Skew (CH-CH)
30
ps
RSC and RL = 50 kΩ
tSK(b-b)
Intra-Pair Skew added (Bit-Bit)
1
5
ps
7 Typical Characteristics
Figure 1. Insertion Loss and –3 dB Bandwidth
Figure 2. Return Loss
Figure 3. Off Isolation
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: HD3SS214



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com