Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD3SS214 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # HD3SS214
Description  8.1 Gbps DisplayPort 1.3 2:1/1:2 Differential Switch
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

HD3SS214 Datasheet(HTML) 1 Page - Texas Instruments

  HD3SS214 Datasheet HTML 1Page - Texas Instruments HD3SS214 Datasheet HTML 2Page - Texas Instruments HD3SS214 Datasheet HTML 3Page - Texas Instruments HD3SS214 Datasheet HTML 4Page - Texas Instruments HD3SS214 Datasheet HTML 5Page - Texas Instruments HD3SS214 Datasheet HTML 6Page - Texas Instruments HD3SS214 Datasheet HTML 7Page - Texas Instruments HD3SS214 Datasheet HTML 8Page - Texas Instruments HD3SS214 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
Source A
Source B
HPDB
DAx(p)
HPDA
DAx(n)
HPDC
AUXAx
DDCA
DDCB
AUXCx
AUXBx
DCx(p)
DCx(n)
DP Sink
DBx(p)
DBx(n)
Control
AUX_SEL
Dx_SEL
DDCC
OE
HD3SS214 2:1
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
HD3SS214
SLAS907 – DECEMBER 2015
HD3SS214 8.1 Gbps DisplayPort 1.3 2:1/1:2 Differential Switch
1 Features
3 Description
HD3SS214 is a high-speed passive switch capable of
1
•
Compatible with DisplayPort 1.3 Electrical
switching two full DisplayPort 4 lane ports from one of
Standard
two sources to one target location in an application. It
•
2:1 and 1:2 Switching Supporting Data Rates up
will also switch one source to one of two sinks. For
to 8.1 Gbps
DisplayPort Applications, the HD3SS214 supports
switching of the Auxiliary (AUX), Display Data
•
Supports HPD, AUX and DDC Switching
Channel (DDC) and Hot Plug Detect (HPD) signals in
•
Wide Differential BW of 8 GHz
the ZQE package.
•
Excellent Dynamic Electrical Characteristics
One typical application would be a mother board that
•
VDD Operating Range 3.3 V ±10%
includes two GPUs that need to drive one DisplayPort
•
Extended Industrial Temperature Range of
sink. The GPU is selected by the Dx_SEL pin.
-40°C to 105°C
Another application is when one source needs to
switch between one of two sinks, example would be a
•
5 mm x 5 mm, 50-Ball
ųBGA Package
side connector and a docking station connector. The
•
Output Enable (OE) Pin Disables Switch to Save
switching
is
controlled
using
the
Dx_SEL
and
Power
AUX_SEL pins. The HD3SS214 operates from a
•
Power Consumption
single supply voltage of 3.3 V over extended
industrial temperature range -40°C to 105°C.
–
Active < 2 mW Typical
–
Standby < 10 µW Typical (When OE = L)
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
2 Applications
HD3SS214
•
Notebook PCs
µBGA (50)
5.00 mm x 5.00 mm
HD3SS214I
•
Desktops/All-in-Ones
(1) For all available packages, see the orderable addendum at
•
Docking Station
the end of the data sheet.
•
Digital Television
Simplified Schematic
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - HD3SS214

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
HD3SS214 TI1-HD3SS214 Datasheet
1Mb / 25P
8.1 Gbps DisplayPort 1.3 2:1/1:2 Differential Switch
HD3SS214 TI-HD3SS214 Datasheet
1Mb / 32P
HD3SS214 8.1 Gbps DisplayPort 1.4 2:1/1:2 Differential Switch
HD3SS214 TI2-HD3SS214 Datasheet
1Mb / 28P
HD3SS214 8.1 Gbps DisplayPort 1.4 2:1/1:2 Differential Switch
REVISED DECEMBER 2020
HD3SS214I TI1-HD3SS214I Datasheet
1Mb / 25P
8.1 Gbps DisplayPort 1.3 2:1/1:2 Differential Switch
HD3SS214I TI-HD3SS214I Datasheet
1Mb / 32P
HD3SS214 8.1 Gbps DisplayPort 1.4 2:1/1:2 Differential Switch
More results

Similar Description - HD3SS214

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75DP128 TI-SN75DP128 Datasheet
674Kb / 25P
DisplayPort 1:2 Switch
SN75DP128A TI-SN75DP128A Datasheet
739Kb / 26P
DisplayPort 1:2 Switch
HD3SS213ZQER TI1-HD3SS213ZQER Datasheet
257Kb / 14P
5.4Gbps DisplayPort 1.2a 2:1/1:2 Differential Switch
HD3SS213 TI1-HD3SS213_14 Datasheet
258Kb / 15P
5.4Gbps DisplayPort 1.2a 2:1/1:2 Differential Switch
HD3SS215 TI1-HD3SS215_15 Datasheet
1Mb / 31P
HD3SS215 6.0 Gbps HDMI DisplayPort 2:1/1:2 Differential Switch
HD3SS214 TI1-HD3SS214_16 Datasheet
1Mb / 25P
8.1 Gbps DisplayPort 1.3 2:1/1:2 Differential Switch
HD3SS215 TI1-HD3SS215 Datasheet
1Mb / 32P
6.0 Gbps HDMI DisplayPort 2:1/1:2 Differential Switch
HD3SS213 TI-HD3SS213 Datasheet
2Mb / 29P
HD3SS213 5.4-Gbps DisplayPort 1.2a 2:1 and 1:2 Differential Switch
HD3SS214 TI-HD3SS214_V01 Datasheet
1Mb / 32P
HD3SS214 8.1 Gbps DisplayPort 1.4 2:1/1:2 Differential Switch
HD3SS215 TI-HD3SS215_V01 Datasheet
2Mb / 39P
HD3SS215 6.0 Gbps HDMI DisplayPort 2:1/1:2 Differential Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com