Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD3SS214 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # HD3SS214
Description  8.1 Gbps DisplayPort 1.3 2:1/1:2 Differential Switch
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

HD3SS214 Datasheet(HTML) 13 Page - Texas Instruments

Back Button HD3SS214 Datasheet HTML 9Page - Texas Instruments HD3SS214 Datasheet HTML 10Page - Texas Instruments HD3SS214 Datasheet HTML 11Page - Texas Instruments HD3SS214 Datasheet HTML 12Page - Texas Instruments HD3SS214 Datasheet HTML 13Page - Texas Instruments HD3SS214 Datasheet HTML 14Page - Texas Instruments HD3SS214 Datasheet HTML 15Page - Texas Instruments HD3SS214 Datasheet HTML 16Page - Texas Instruments HD3SS214 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
HD3SS214
www.ti.com
SLAS907 – DECEMBER 2015
9.2.4 DP++ Support
The HD3SS214 supports DP++ implementations.
Figure 6. DP++ Docking Station Support
9.2.4.1 Design Requirements
For this example, use the parameters shown in Table 3
Table 3. Design Parameters
PARAMETER
VALUE
VDD
3.3 V
Source
DP x1
Sink
DP x2
AUX_SEL Level
M
DP++ Support
Yes
9.2.4.2 Detailed Design Procedure
For applications involving DP++ support, following design procedures must be followed.
9.2.4.2.1
AUX and DDC Switching
The HD3SS214 supports DP++ implementations.
According to the DP++ standard, the DP AUX line is repurposed as the DDC line when HDMI signals are being
transmitted. Unfortunately, the AUX and DDC signals have very different electrical requirements. AUX is a
differential signal that requires AC coupling, while DDC uses I2C protocol, which needs pull-up resistors. As a
result, these signals are electrically incompatible if extra circuitry is not designed to accommodate the signals.
The source selection design block uses conditional pull-up resistors to support AUX and DDC signals on a
unified line.Figure 7 illustrates the circuit that was used to enable the signal.
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: HD3SS214



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com