Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD3SS214 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # HD3SS214
Description  8.1 Gbps DisplayPort 1.3 2:1/1:2 Differential Switch
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

HD3SS214 Datasheet(HTML) 9 Page - Texas Instruments

Back Button HD3SS214 Datasheet HTML 5Page - Texas Instruments HD3SS214 Datasheet HTML 6Page - Texas Instruments HD3SS214 Datasheet HTML 7Page - Texas Instruments HD3SS214 Datasheet HTML 8Page - Texas Instruments HD3SS214 Datasheet HTML 9Page - Texas Instruments HD3SS214 Datasheet HTML 10Page - Texas Instruments HD3SS214 Datasheet HTML 11Page - Texas Instruments HD3SS214 Datasheet HTML 12Page - Texas Instruments HD3SS214 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
HPDC
DCz(p)
DCz(n)
AUXC(p)
AUXC(n)
Dx_SEL
HPDA
HPDB
AUX_SEL
VDD
OE
GND
AUXA(p)
AUXA(n)
AUXB(p)
AUXB(n)
DDCCLK_A
DDCDAT_A
DDCCLK_B
DDCDAT_B
DAz(p)
DAz(n)
DBz(p)
DBz(n)
SEL
SEL
SEL
SEL2
HD3SS214
SEL=0
SEL=1
SEL=0
SEL=1
4
4
4
4
4
4
(z = 0, 1, 2 or 3)
AUXx(P) or DDCCLK_x
AUXx(n) or DDCDAT_x
DDCCLK_C
DDCDAT_C
HD3SS214
www.ti.com
SLAS907 – DECEMBER 2015
8.2 Functional Block Diagram
8.3 Feature Description
8.3.1 High Speed Switching
The HD3SS214 supports switching of 8.1 Gbps data rates. The high speed mux is designed with a wide –3dB
differential bandwidth of 8 GHz and industry leading dynamic characteristics. All of these attributes help maintain
signal integrity in the application. Each high speed port incorporates 20-k
Ω pull down resistors that are switched
in when the port is not selected and switched out when the port is selected. Additionally, high speed differential
pairs at port C have internal 20-k
Ω resistor between positive and negative pins
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: HD3SS214



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com