Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASM330LXH Datasheet(PDF) 12 Page - STMicroelectronics

Part # ASM330LXH
Description  Automotive inertial module: 3D accelerometer and 3D gyroscope
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ASM330LXH Datasheet(HTML) 12 Page - STMicroelectronics

Back Button ASM330LXH Datasheet HTML 8Page - STMicroelectronics ASM330LXH Datasheet HTML 9Page - STMicroelectronics ASM330LXH Datasheet HTML 10Page - STMicroelectronics ASM330LXH Datasheet HTML 11Page - STMicroelectronics ASM330LXH Datasheet HTML 12Page - STMicroelectronics ASM330LXH Datasheet HTML 13Page - STMicroelectronics ASM330LXH Datasheet HTML 14Page - STMicroelectronics ASM330LXH Datasheet HTML 15Page - STMicroelectronics ASM330LXH Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 56 page
background image
Module specifications
ASM330LXH
12/56
DocID027411 Rev 3
2.2
Electrical characteristics
@ Vdd = 3.0 V, T = -40 °C to +85 °C unless otherwise noted
2.3
Temperature sensor characteristics
@ Vdd = 3.0 V, T = 25 °C unless otherwise noted (b)
Table 4. Electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.(1)
Max.
Unit
Vdd(2)
Supply voltage
2.0
3.6
V
Vdd_IO(2)
Power supply for I/O
2.0
3.6
V
LA_Idd
Accelerometer current
consumption in normal mode
ODR
 100 Hz
245
μA
LA_Idd_LP
Accelerometer current
consumption in low-power
mode
ODR = 50 Hz
65
μA
ODR = 100 Hz
115
LA_G_Idd
Accelerometer and gyroscope
current consumption in normal
mode
4.3
mA
Idd_PD
Accelerometer and gyroscope
current consumption in power
down
6
μA
Trise
Time for power supply rising
0.01
100
ms
Top
Operating temperature range
-40
+85
°C
1. Typical specifications are not guaranteed.
2. Vdd and Vdd_IO can power up in either order.
b. The product is factory calibrated at 3.0 V.
Table 5. Temperature sensor characteristics
Symbol
Parameter
Test condition
Min.
Typ.(1)
Max.
Unit
TODR
Temperature refresh rate
50
Hz
TSen
Temperature sensitivity
16
LSB/°C
TST
Temperature stabilization time(2)
500
μs
Top
Operating temperature range
-40
+85
°C
1. Typical specifications are not guaranteed.
2. Time from power on bit to valid temperature data based on characterization data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com