Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASM330LXH Datasheet(PDF) 43 Page - STMicroelectronics

Part # ASM330LXH
Description  Automotive inertial module: 3D accelerometer and 3D gyroscope
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ASM330LXH Datasheet(HTML) 43 Page - STMicroelectronics

Back Button ASM330LXH Datasheet HTML 39Page - STMicroelectronics ASM330LXH Datasheet HTML 40Page - STMicroelectronics ASM330LXH Datasheet HTML 41Page - STMicroelectronics ASM330LXH Datasheet HTML 42Page - STMicroelectronics ASM330LXH Datasheet HTML 43Page - STMicroelectronics ASM330LXH Datasheet HTML 44Page - STMicroelectronics ASM330LXH Datasheet HTML 45Page - STMicroelectronics ASM330LXH Datasheet HTML 46Page - STMicroelectronics ASM330LXH Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 56 page
background image
DocID027411 Rev 3
43/56
ASM330LXH
Register description
56
6.15
CTRL4_C (13h)
Control register 4 (r/w).
BLE
Big/Little Endian Data Selection. Default value 0.
(0: data LSB @ lower address; 1: data MSB @ lower address)
SW_RESET
Software Reset. Default value: 0.
(0: normal mode; 1: reset device)
This bit is cleared by hardware after next flash boot.
1. Boot request is executed as soon as internal oscillator is turned on. It is possible to set bit while in power-
down mode, in this case it will be served at the next normal mode or sleep mode.
Table 48. CTRL3_C register description (continued)
Table 49. CTRL4_C register
XL_LP_
EN
SLEEP_G
0
FIFO_
TEMP_EN
DRDY_
mask_bit_
CFG1
I2C_disable FIFO_EN
STOP_ON
_FTH
Table 50. CTRL4_C register description
XL_LP_EN
Accelerometer low-power/normal mode enable. Default value: 0.
(0: normal mode; 1: low-power mode with ODR
 100Hz)
SLEEP_G
Gyroscope sleep mode enable. Default value: 0.
(0: disabled; 1: enabled)
FIFO_TEMP_EN Temperature data storing in FIFO enable. Default value: 0.
(0: temperature data not stored in FIFO; 1: temperature data stored in FIFO)
DRDY_mask_bit
_CFG1
Configuration 1(1) Data Available Enable bit. Default value: 0.
(0: DA timer disabled; 1: DA timer enabled)
1. In Configuration 1, switching to Combo mode, data are collected in FIFO only when both the accelerometer
and gyroscope are set. Switching to accelerometer-only, data are collected in FIFO after filter setting.
I2C_disable
Disable I2C interface. Default value: 0.
(0: both I2C and SPI enabled; 1: I2C disabled, SPI only)
FIFO_EN
FIFO memory enable. Default value: 0.
(0: disabled; 1: enabled)
STOP_ON_FTH
Enable FIFO threshold level use. Default value: 0.
(0: FIFO depth is not limited; 1: FIFO depth is limited to threshold level)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com