Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASM330LXH Datasheet(PDF) 42 Page - STMicroelectronics

Part # ASM330LXH
Description  Automotive inertial module: 3D accelerometer and 3D gyroscope
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ASM330LXH Datasheet(HTML) 42 Page - STMicroelectronics

Back Button ASM330LXH Datasheet HTML 38Page - STMicroelectronics ASM330LXH Datasheet HTML 39Page - STMicroelectronics ASM330LXH Datasheet HTML 40Page - STMicroelectronics ASM330LXH Datasheet HTML 41Page - STMicroelectronics ASM330LXH Datasheet HTML 42Page - STMicroelectronics ASM330LXH Datasheet HTML 43Page - STMicroelectronics ASM330LXH Datasheet HTML 44Page - STMicroelectronics ASM330LXH Datasheet HTML 45Page - STMicroelectronics ASM330LXH Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 56 page
background image
Register description
ASM330LXH
42/56
DocID027411 Rev 3
6.14
CTRL3_C (12h)
Control register 3 (r/w).
100
00
200
12.5
100
01
200
24
100
10
200
50
100
11
200
55
101
00
400
18
101
01
400
23.5
101
10
400
45
101
11
400
86
110
00
800
28
110
01
800
34
110
10
800
46
110
11
800
78
111
00
n.a.
n.a.
111
01
n.a.
n.a.
111
10
n.a.
n.a.
111
11
n.a.
n.a.
1. Values in the table are indicative and can vary proportionally with the specific ODR value.
Table 46. ODR and BW configuration setting (after LPF2) (continued)
ODR_G [2:0]
BW_G [1:0]
ODR [Hz]
Cutoff [Hz](1)
Table 47. CTRL3_C register
BOOT
BDU
0(1)
1. This bit must be set to ‘0’ for the correct operation of the device.
PP_OD
SIM
IF_ADD_INC
BLE
SW_RESET
Table 48. CTRL3_C register description
BOOT
Reboot memory content. Default value: 0.
(0: normal mode; 1: reboot memory content(1))
BDU
Block Data Update. Default value: 0.
(0: continuous update; 1: output registers not updated until MSB and LSB have
been read)
PP_OD
Push-Pull/Open-Drain selection on INT pad. Default value: 0.
(0: push-pull mode; 1: open drain mode)
SIM
SPI Serial Interface Mode selection. Default value: 0.
(0: 4-wire interface; 1: 3-wire interface).
IF_ADD_INC
Register address automatically incremented during a multiple byte access with a
serial interface (I2C or SPI). Default value: 1.
(0: disabled; 1: enabled)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com