Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASM330LXH Datasheet(PDF) 36 Page - STMicroelectronics

Part # ASM330LXH
Description  Automotive inertial module: 3D accelerometer and 3D gyroscope
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ASM330LXH Datasheet(HTML) 36 Page - STMicroelectronics

Back Button ASM330LXH Datasheet HTML 32Page - STMicroelectronics ASM330LXH Datasheet HTML 33Page - STMicroelectronics ASM330LXH Datasheet HTML 34Page - STMicroelectronics ASM330LXH Datasheet HTML 35Page - STMicroelectronics ASM330LXH Datasheet HTML 36Page - STMicroelectronics ASM330LXH Datasheet HTML 37Page - STMicroelectronics ASM330LXH Datasheet HTML 38Page - STMicroelectronics ASM330LXH Datasheet HTML 39Page - STMicroelectronics ASM330LXH Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 56 page
background image
Register description
ASM330LXH
36/56
DocID027411 Rev 3
Table 23. INT_CFG1_XL register description
6.4
INT_THS_X_XL (07h)
Linear acceleration sensor interrupt threshold register (r/w).
Table 25. INT_THS_X_XL register description
AOI_XL
AND/OR combination of accelerometer’s interrupt events. Default value: 0.
(0: OR combination; 1: AND combination)
6D
6 direction detection function for interrupt. Default value: 0.
(0: disabled; 1: enabled)
ZHIE_XL
Enable interrupt generation on accelerometer’s Z-axis high event. Default value: 0.
(0: disable interrupt request; 1: interrupt request on measured acceleration value
higher than preset threshold)
ZLIE_XL
Enable interrupt generation on accelerometer’s Z-axis low event. Default value: 0.
(0: disable interrupt request; 1: interrupt request on measured acceleration value
higher than preset threshold)
YHIE_XL
Enable interrupt generation on accelerometer’s Y-axis high event. Default value: 0.
(0: disable interrupt request; 1: interrupt request on measured acceleration value
higher than preset threshold)
YLIE_XL
Enable interrupt generation on accelerometer’s Y-axis low event. Default value: 0.
(0: disable interrupt request; 1: interrupt request on measured acceleration value
higher than preset threshold)
XHIE_XL
Enable interrupt generation on accelerometer’s X-axis high event. Default value: 0.
(0: disable interrupt request; 1: interrupt request on measured acceleration value
higher than preset threshold)
XLIE_XL
Enable interrupt generation on accelerometer’s X-axis low event. Default value: 0.
(0: disable interrupt request; 1: interrupt request on measured acceleration value
higher than preset threshold)
Table 24. INT_THS_X_XL register
THS_XL_
X7
THS_XL_
X6
THS_XL_
X5
THS_XL_
X4
THS_XL_
X3
THS_XL_
X2
THS_XL_
X1
THS_XL_
X0
THS_XL_X [7:0]
X-axis interrupt thresholds. Default value: 0000 0000.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com