Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASM330LXH Datasheet(PDF) 39 Page - STMicroelectronics

Part # ASM330LXH
Description  Automotive inertial module: 3D accelerometer and 3D gyroscope
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ASM330LXH Datasheet(HTML) 39 Page - STMicroelectronics

Back Button ASM330LXH Datasheet HTML 35Page - STMicroelectronics ASM330LXH Datasheet HTML 36Page - STMicroelectronics ASM330LXH Datasheet HTML 37Page - STMicroelectronics ASM330LXH Datasheet HTML 38Page - STMicroelectronics ASM330LXH Datasheet HTML 39Page - STMicroelectronics ASM330LXH Datasheet HTML 40Page - STMicroelectronics ASM330LXH Datasheet HTML 41Page - STMicroelectronics ASM330LXH Datasheet HTML 42Page - STMicroelectronics ASM330LXH Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 56 page
background image
DocID027411 Rev 3
39/56
ASM330LXH
Register description
56
Table 37. INT_CTRL register description
6.11
WHO_AM_I (0Fh)
Who_AM_I register (r). This register is a read-only register. Its value is fixed at 61h.
6.12
CTRL1_XL (10h)
Linear acceleration sensor Control Register 1 (r/w).
Table 39. CTRL1_XL register
Table 40. CTRL1_XL register description
INT_ IG_XL
Accelerometer interrupt generator on INT pad. Default value: 0.
(0: disabled; 1: enabled)
INT_ FSS5
FSS5 interrupt enable on INT pad. Default value: 0.
(0: disabled; 1: enabled)
INT_OVR
Overrun Interrupt on INT pad. Default value: 0.
(0: disabled; 1: enabled)
INT_FTH
FIFO threshold interrupt on INT pad. Default value: 0.
(0: disabled; 1: enabled)
INT_ Boot
Boot status available on INT pad. Default value: 0.
(0: disabled; 1: enabled)
INT_DRDY_G
Gyroscope data ready on INT pad. Default value: 0.
(0: disabled; 1: enabled)
INT_DRDY_XL
Accelerometer data ready on INT pad. Default value: 0.
(0: disabled; 1: enabled)
Table 38. WHO_AM_I register
01100001
ODR_XL2 ODR_XL1 ODR_XL0
FS1_XL
FS0_XL
BW_SCAL
_ODR
BW_XL1
BW_XL0
ODR_XL [2:0]
Output data rate and power mode selection. Default value: 000 (see Table 41).
FS_XL [1:0]
Accelerometer full-scale selection. Default value: 00.
(00: ±2 g;
01: ±16 g;
10: ±4 g;
11: ±8 g)
BW_SCAL_ODR
Bandwidth determination selection. Default value: 0.
(0: bandwidth determined by ODR selection as inTable 42
1: bandwidth selected according to BW_XL[1:0] selection)
BW_XL [1:0]
Anti-aliasing filter bandwidth selection. Default value: 00.
00: 380 Hz;
01: 190 Hz;
10: 95 Hz;
11: 47.5 Hz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com