Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASM330LXH Datasheet(PDF) 21 Page - STMicroelectronics

Part # ASM330LXH
Description  Automotive inertial module: 3D accelerometer and 3D gyroscope
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ASM330LXH Datasheet(HTML) 21 Page - STMicroelectronics

Back Button ASM330LXH Datasheet HTML 17Page - STMicroelectronics ASM330LXH Datasheet HTML 18Page - STMicroelectronics ASM330LXH Datasheet HTML 19Page - STMicroelectronics ASM330LXH Datasheet HTML 20Page - STMicroelectronics ASM330LXH Datasheet HTML 21Page - STMicroelectronics ASM330LXH Datasheet HTML 22Page - STMicroelectronics ASM330LXH Datasheet HTML 23Page - STMicroelectronics ASM330LXH Datasheet HTML 24Page - STMicroelectronics ASM330LXH Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 56 page
background image
DocID027411 Rev 3
21/56
ASM330LXH
Digital main block
56
3.2.2
FIFO mode
In FIFO mode (FIFO_CTRL(FMODE2:0) = 001) data from the output channels are stored in
the FIFO until it is overwritten.
To reset FIFO content, Bypass mode must be written in FIFO_CTRL(FMODE2:0), setting
these bits to '000' value. After this reset command it is possible to restart FIFO mode by
writing the value '001' in FIFO_CTRL(FMODE2:0).
The FIFO buffer can memorize up to 32 levels of data but the depth of the FIFO can be
resized by setting the CTRL4_C(STOP_ON_FTH) bit. If the STOP_ON_FTH bit is set to '1',
FIFO depth is limited to FIFO_CTRL(FTH4:0) + 1 data.
A FIFO threshold interrupt can be enabled (INT_OVR bit in INT_CTRL (0Dh)) in order to be
raised when the FIFO is filled to the level specified by the FTH4:0 bits of FIFO_CTRL (1Ah).
When a FIFO threshold interrupt occurs, the first data has been overwritten and the FIFO
stops collecting data from the input channels.
Figure 9. FIFO mode
3.2.3
Stream mode
Stream mode (FIFO_CTRL(FMODE2:0) = 010) provides continuous FIFO update: as new
data arrives, the older is discarded.
Once the whole FIFO has been read, the last data read remains in the FIFO and hence
once a new sample is acquired, the FIFO_SRC(FSS5:0) value rises from 0 to 2.
An overrun interrupt can be enabled, INT_CTRL(INT1_OVR) = '1', in order to inform when
the FIFO is full and eventually read its content all at once. If an overrun occurs, the oldest
sample in FIFO is overwritten, so if the FIFO was empty, the lost sample has already been
read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com