Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASM330LXH Datasheet(PDF) 45 Page - STMicroelectronics

Part # ASM330LXH
Description  Automotive inertial module: 3D accelerometer and 3D gyroscope
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ASM330LXH Datasheet(HTML) 45 Page - STMicroelectronics

Back Button ASM330LXH Datasheet HTML 41Page - STMicroelectronics ASM330LXH Datasheet HTML 42Page - STMicroelectronics ASM330LXH Datasheet HTML 43Page - STMicroelectronics ASM330LXH Datasheet HTML 44Page - STMicroelectronics ASM330LXH Datasheet HTML 45Page - STMicroelectronics ASM330LXH Datasheet HTML 46Page - STMicroelectronics ASM330LXH Datasheet HTML 47Page - STMicroelectronics ASM330LXH Datasheet HTML 48Page - STMicroelectronics ASM330LXH Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 56 page
background image
DocID027411 Rev 3
45/56
ASM330LXH
Register description
56
Figure 22. OUT_SEL configuration block diagram
6.18
CTRL7_G (16h)
Angular rate sensor Control Register 7 (r/w).
Table 56. CTRL6_G register description
EXTRen
Data edge-sensitive trigger enable. Default value: 0.
(0: external trigger disabled; 1: external trigger enabled)
LVLen
Data level-sensitive trigger Enable. Default value: 0.
(0: level sensitive trigger disabled; 1: level sensitive trigger enabled)
IMPen
Level-sensitive latched enable. Default value: 0.
(0: level sensitive latched disabled; 1: level sensitive latched enabled)
OUT_SEL [1:0]
Out selection configuration. Default value: 00
(Refer to Figure 22)
Table 57. CTRL7_G register
0(1)
1. This bit must be set to ‘0’ for the correct operation of the device
HP_EN
HPM1_G HPM0_G HPCF3_G HPCF2_G HPCF1_G
HPCF0_G
Table 58. CTRL7_G register description
HP_EN
High-pass filter enable. Default value: 0.
(0: HPF disabled; 1: HPF enabled, refer to Figure 22)
HPM[1:0]_G
Gyroscope high-pass filter mode selection. Default value: 00.
Refer to Table 59.
HPCF[3:0]_G
Gyroscope high-pass filter cutoff frequency selection. Default value: 0000.
Refer to Table 60.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com