Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASM330LXH Datasheet(PDF) 35 Page - STMicroelectronics

Part # ASM330LXH
Description  Automotive inertial module: 3D accelerometer and 3D gyroscope
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ASM330LXH Datasheet(HTML) 35 Page - STMicroelectronics

Back Button ASM330LXH Datasheet HTML 31Page - STMicroelectronics ASM330LXH Datasheet HTML 32Page - STMicroelectronics ASM330LXH Datasheet HTML 33Page - STMicroelectronics ASM330LXH Datasheet HTML 34Page - STMicroelectronics ASM330LXH Datasheet HTML 35Page - STMicroelectronics ASM330LXH Datasheet HTML 36Page - STMicroelectronics ASM330LXH Datasheet HTML 37Page - STMicroelectronics ASM330LXH Datasheet HTML 38Page - STMicroelectronics ASM330LXH Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 56 page
background image
DocID027411 Rev 3
35/56
ASM330LXH
Register description
56
6
Register description
The device contains a set of registers which are used to control its behavior and to retrieve
linear acceleration, angular rate and temperature data. The register addresses, made up of
7 bits, are used to identify them and to write the data through the serial interface.
6.1
ACT_THS (04h)
Activity threshold register (r/w).
Table 19. ACT_THS register description
6.2
ACT_DUR (05h)
Inactivity duration register (r/w).
Table 21. ACT_DUR register description
6.3
INT_CFG_XL (06h)
Linear acceleration sensor interrupt generator configuration register (r/w).
Table 18. ACT_THS register
SLEEP_ON
_INACT_EN
ACT_THS
6
ACT_THS
5
ACT_THS
4
ACT_THS
3
ACT_THS
2
ACT_TH
S1
ACT_THS
0
SLEEP_ON_
INACT_EN
Gyroscope operating mode during inactivity. Default value: 0.
(0: Gyroscope in power down; 1: Gyroscope in sleep mode)
ACT_THS [6:0]
Inactivity threshold. Default value: 000 0000.
Table 20. ACT_DUR register
ACT_DUR
7
ACT_DUR
6
ACT_DUR
5
ACT_DUR
4
ACT_DUR
3
ACT_DUR
2
ACT_DUR
1
ACT_DUR
0
ACT_DUR [7:0]
Inactivity duration. Default value: 0000 0000.
Table 22. INT_CFG_XL register
AOI_XL
6D
ZHIE_XL
ZLIE_XL
YHIE_XL
YLIE_XL
XHIE_XL
XLIE_XL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com