Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASM330LXH Datasheet(PDF) 20 Page - STMicroelectronics

Part # ASM330LXH
Description  Automotive inertial module: 3D accelerometer and 3D gyroscope
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ASM330LXH Datasheet(HTML) 20 Page - STMicroelectronics

Back Button ASM330LXH Datasheet HTML 16Page - STMicroelectronics ASM330LXH Datasheet HTML 17Page - STMicroelectronics ASM330LXH Datasheet HTML 18Page - STMicroelectronics ASM330LXH Datasheet HTML 19Page - STMicroelectronics ASM330LXH Datasheet HTML 20Page - STMicroelectronics ASM330LXH Datasheet HTML 21Page - STMicroelectronics ASM330LXH Datasheet HTML 22Page - STMicroelectronics ASM330LXH Datasheet HTML 23Page - STMicroelectronics ASM330LXH Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 56 page
background image
Digital main block
ASM330LXH
20/56
DocID027411 Rev 3
3.2
FIFO
The ASM330LXH embeds 32 slots of 16-bit data FIFO for each of the gyroscope’s three
output channels, yaw, pitch and roll, and 16-bit data FIFO for each of the accelerometer’s
three output channels, X, Y and Z. This allows consistent power saving for the system, since
the host processor does not need to continuously poll data from the sensor, but it can wake
up only when needed and burst the significant data out from the FIFO. This buffer can work
according to six different modes: Bypass mode, FIFO mode, Stream mode, Dynamic Stream
mode, Stream-to-FIFO mode and Bypass-to-Stream. Each mode is selected by the FMODE
[2:0] bits in the FIFO_CTRL (1Ah) register. Programmable FIFO threshold status, FIFO
overrun events and the number of unread samples stored are available in the FIFO_SRC
(1Eh) register.
FIFO_SRC(FTH) goes to '1' when the number of unread samples (FIFO_SRC(FSS5:0)) is
greater than or equal to FTH [4:0] in FIFO_CTRL (1Ah). If FIFO_CTRL(FTH4:0) is equal to
0, FIFO_SRC(FTH) goes to ‘0’.
FIFO_SRC(OVRN) is equal to '1' if a FIFO slot is overwritten.
FIFO_SRC(FSS5:0) contains stored data levels of unread samples; when FSS [5:0] is equal
to ‘000000’ FIFO is empty, when FSS [5:0] is equal to ‘100000’ FIFO is full and the unread
samples are 32.
The FIFO feature is enabled by writing '1' in CTRL5_C (FIFO_EN).
To guarantee the switching into and out of FIFO mode, discard the first sample acquired.
3.2.1
Bypass mode
In Bypass mode (FIFO_CTRL(FMODE2:0) = 000), the FIFO is not operational and it
remains empty.
Bypass mode is also used to reset the FIFO when in FIFO mode.
As described in the next figure, for each channel only the first address is used. When new
data is available, the older data is overwritten.
Figure 8. Bypass mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com