Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASM330LXH Datasheet(PDF) 25 Page - STMicroelectronics

Part # ASM330LXH
Description  Automotive inertial module: 3D accelerometer and 3D gyroscope
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ASM330LXH Datasheet(HTML) 25 Page - STMicroelectronics

Back Button ASM330LXH Datasheet HTML 21Page - STMicroelectronics ASM330LXH Datasheet HTML 22Page - STMicroelectronics ASM330LXH Datasheet HTML 23Page - STMicroelectronics ASM330LXH Datasheet HTML 24Page - STMicroelectronics ASM330LXH Datasheet HTML 25Page - STMicroelectronics ASM330LXH Datasheet HTML 26Page - STMicroelectronics ASM330LXH Datasheet HTML 27Page - STMicroelectronics ASM330LXH Datasheet HTML 28Page - STMicroelectronics ASM330LXH Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 56 page
background image
DocID027411 Rev 3
25/56
ASM330LXH
Digital main block
56
3.3
Level-sensitive/edge-sensitive/impulse-sensitive data enable
The ASM330LXH allows external trigger level recognition by enabling the EXTRen, LVLen
and IMPen bits in CTRL6_G (15h) only when both the accelerometer and gyroscope are
working. Three different modes can be used: level-, edge- or impulse-sensitive trigger.
Figure 14. Trigger stamping
3.3.1
Level-sensitive trigger stamping
A level sensitive trigger can be enabled by setting the LVLen bit to ‘1’ in CTRL6_G (15h)
while the EXTRen bit in CTRL6_G (15h) and the IMPen bit in CTRL6_G (15h) have to be
set to ‘0’.
Once enabled, the G_EN level replaces the LSB of the X, Y or Z axes, configurable through
the Xen, Yen, Zen bits in CTRL10_C (19h). Data is stored inside the FIFO with the
internally-selected ODR.
Table 9. Trigger stamping mode
LVLen
EXTRen
IMPen
Trigger stamping mode
1
0
0
Level-sensitive trigger
0
1
0
Edge-sensitive trigger
1
0
1
Impulse-sensitive trigger



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com