Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASM330LXH Datasheet(PDF) 34 Page - STMicroelectronics

Part # ASM330LXH
Description  Automotive inertial module: 3D accelerometer and 3D gyroscope
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ASM330LXH Datasheet(HTML) 34 Page - STMicroelectronics

Back Button ASM330LXH Datasheet HTML 30Page - STMicroelectronics ASM330LXH Datasheet HTML 31Page - STMicroelectronics ASM330LXH Datasheet HTML 32Page - STMicroelectronics ASM330LXH Datasheet HTML 33Page - STMicroelectronics ASM330LXH Datasheet HTML 34Page - STMicroelectronics ASM330LXH Datasheet HTML 35Page - STMicroelectronics ASM330LXH Datasheet HTML 36Page - STMicroelectronics ASM330LXH Datasheet HTML 37Page - STMicroelectronics ASM330LXH Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 56 page
background image
Register mapping
ASM330LXH
34/56
DocID027411 Rev 3
Registers marked as Reserved must not be changed. Writing to those registers may cause
permanent damage to the device.
The content of the registers that are loaded at boot should not be changed. They contain the
factory calibration values. Their content is automatically restored when the device is
powered up.
INT_SRC_XL
r
1D
00011101
output
FIFO_SRC
r
1E
00011110
output
STATUS_REG
r
1F
00011111
output
Status data register
OUT_TEMP_L
r
20
00100000
output
Temperature sensor
data register
OUT_TEMP_H
r
21
00100001
output
OUTX_L_G
r
22
00100010
output
Gyroscope output
registers
OUTX_H_G
r
23
00100011
output
OUTY_L_G
r
24
00100100
output
OUTY_H_G
r
25
00100101
output
OUTZ_L_G
r
26
00100110
output
OUTZ_H_G
r
27
00100111
output
OUTX_L_XL
r
28
00101000
output
Accelerometer output
registers
OUTX_H_XL
r
29
00101001
output
OUTY_L_XL
r
2A
00101010
output
OUTY_H_XL
r
2B
00101011
output
OUTZ_L_XL
r
2C
00101100
output
OUTZ_H_XL
r
2D
00101101
output
RESERVED
r
2E - 2F
-
-
Reserved
RESERVED
-
30
00110000
-
Reserved
RESERVED
-
31
00110001
-
Reserved
RESERVED
-
32
00110010
-
Reserved
LPF_BYP_REG
r/w
33
00110011
00000000
RESERVED
-
34
00110100
-
Reserved
RESERVED
-
35
00110101
-
Reserved
RESERVED
-
36
00110110
-
Reserved
RESERVED
-
37
00110111
-
Reserved
RESERVED
-
38-7F
-
-
Reserved
Table 17. Register map (continued)
Name
Type
Register address
Default
Comment
Hex
Binary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com