Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASM330LXH Datasheet(PDF) 17 Page - STMicroelectronics

Part # ASM330LXH
Description  Automotive inertial module: 3D accelerometer and 3D gyroscope
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ASM330LXH Datasheet(HTML) 17 Page - STMicroelectronics

Back Button ASM330LXH Datasheet HTML 13Page - STMicroelectronics ASM330LXH Datasheet HTML 14Page - STMicroelectronics ASM330LXH Datasheet HTML 15Page - STMicroelectronics ASM330LXH Datasheet HTML 16Page - STMicroelectronics ASM330LXH Datasheet HTML 17Page - STMicroelectronics ASM330LXH Datasheet HTML 18Page - STMicroelectronics ASM330LXH Datasheet HTML 19Page - STMicroelectronics ASM330LXH Datasheet HTML 20Page - STMicroelectronics ASM330LXH Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 56 page
background image
DocID027411 Rev 3
17/56
ASM330LXH
Module specifications
56
2.7
Functionality
2.7.1
Operating mode
The ASM330LXH has two operating modes available: only accelerometer active and
gyroscope in power-down or both accelerometer and gyroscope sensors active at the same
ODR. Switching from one mode to the other requires one write operation: writing to
CTRL1_XL (10h) the accelerometer operates in normal mode and the gyroscope is
powered down; writing to CTRL2_G (11h) both accelerometer and gyroscope are activated
at the same ODR.
For further information in order to enable one operating mode from the power down, please
refer to Figure 4: Switching operating modes.
Figure 4. Switching operating modes
2.7.2
Multiple reads (burst)
When only the accelerometer is activated and the gyroscope is in power down, starting from
OUT_TEMP_L (20h), OUT_TEMP_H (21h) multiple reads can be performed. Once the read
reaches OUTZ_XL (2Ch - 2Dh), the system automatically restarts from OUTX_XL (28h -
29h) (see Figure 5).
Figure 5. Multiple reads: accelerometer only
When both accelerometer and gyroscope sensors are activated at the same ODR, starting
from OUT_TEMP_L (20h), OUT_TEMP_H (21h) multiple reads can be performed. Once the
read reaches OUTZ_XL (2Ch - 2Dh) the system automatically restarts from OUTX_G (22h -
23h) (see Figure 6).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com