Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASM330LXH Datasheet(PDF) 37 Page - STMicroelectronics

Part # ASM330LXH
Description  Automotive inertial module: 3D accelerometer and 3D gyroscope
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ASM330LXH Datasheet(HTML) 37 Page - STMicroelectronics

Back Button ASM330LXH Datasheet HTML 33Page - STMicroelectronics ASM330LXH Datasheet HTML 34Page - STMicroelectronics ASM330LXH Datasheet HTML 35Page - STMicroelectronics ASM330LXH Datasheet HTML 36Page - STMicroelectronics ASM330LXH Datasheet HTML 37Page - STMicroelectronics ASM330LXH Datasheet HTML 38Page - STMicroelectronics ASM330LXH Datasheet HTML 39Page - STMicroelectronics ASM330LXH Datasheet HTML 40Page - STMicroelectronics ASM330LXH Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 56 page
background image
DocID027411 Rev 3
37/56
ASM330LXH
Register description
56
6.5
INT_THS_Y_XL (08h)
Linear acceleration sensor interrupt threshold register (r/w).
Table 27. INT_THS_Y_XL register description
6.6
INT_THS_Z_XL (09h)
Linear acceleration sensor interrupt threshold register (r/w).
Table 29. INT_THS_Z_XL register description
6.7
INT_DUR_XL (0Ah)
Linear acceleration sensor interrupt duration register (r/w).
Table 30. INT_DUR_XL register
Table 31. INT_DUR_XL register description
6.8
ORIENT_CFG_G (0Bh)
Angular rate sensor sign and orientation register (r/w).
Table 32. ORIENT_CFG_G register
Table 26. INT_THS_Y_XL register
THS_XL_
Y7
THS_XL_
Y6
THS_XL_
Y5
THS_XL_
Y4
THS_XL_
Y3
THS_XL_
Y2
THS_XL_
Y1
THS_XL_
Y0
THS_XL_Y [7:0]
Y-axis interrupt thresholds. Default value: 0000 0000.
Table 28. INT_THS_Z_XL register
THS_XL_
Z7
THS_XL_
Z6
THS_XL_
Z5
THS_XL_
Z4
THS_XL_
Z3
THS_XL_
Z2
THS_XL_
Z1
THS_XL_
Z0
THS_XL_Z [7:0]
Z-axis interrupt thresholds. Default value: 0000 0000.
WAIT_XL
DUR_XL6 DUR_XL5 DUR_XL4 DUR_XL3 DUR_XL2 DUR_XL1 DUR_XL0
WAIT_XL
Wait function enable on duration counter. Default value: 0.
(0: wait function off; 1: wait for DUR_XL [6:0] samples before exiting interrupt)
DUR_XL [6:0]
Enter/exit interrupt duration value. Default value: 000 0000.
0(1)
1. This bit must be set to ‘0’ for the correct operation of the device.
DRDY_
mask_bit_CFG2
SignX_G
SignY_G
SignZ_G
Orient_2
Orient_1
Orient_0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com