Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST2100 Datasheet(PDF) 11 Page - STMicroelectronics

Part # ST2100
Description  Broadband powerline communication SoC optimized
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST2100 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button ST2100 Datasheet HTML 7Page - STMicroelectronics ST2100 Datasheet HTML 8Page - STMicroelectronics ST2100 Datasheet HTML 9Page - STMicroelectronics ST2100 Datasheet HTML 10Page - STMicroelectronics ST2100 Datasheet HTML 11Page - STMicroelectronics ST2100 Datasheet HTML 12Page - STMicroelectronics ST2100 Datasheet HTML 13Page - STMicroelectronics ST2100 Datasheet HTML 14Page - STMicroelectronics ST2100 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 39 page
background image
DocID025777 Rev 1
11/39
ST2100
Architecture description
39
3.3
Memory subsystem
The multiport memory controller within the memory subsystem manages DDR mobile up to
166 MHz and DDR2 up to 333 MHz external memory. Internally, it handles 5 ports
supporting all the chip master ports.
The multiport memory controller block has a programmable arbitration scheme and the
transactions happen on a different layer from the main bus. It also offers a local FIFO to
increase the throughput and reduce the latency.
3.4
Expi subsystem
PCI Express Gen1 (PCI Express standard version 1.1) single lane X1 dual mode
–
Root Complex mode is supported.
–
Endpoint mode is supported.
Serial ATA compliant with SATA/150 specifications
PHY is standard 8-bit/16-bit PIPE PHY interface
3.5
Basic subsystem
8 FIFOs and 16 high performance DMA channels with two AHB interfaces to parallelize
the activity when two channels are working at the same time.
48 Kbytes of ROM (for boot procedure)
“Serial Memory Interface” (SMI) supporting external serial Flash.
Color LCD controller (CLCD) up to 1024 x 768 resolution at 24 bpp (true color)
supporting STN/TFT display panels
Three pair of 16 bit general purpose timers with programmable prescaler
Watchdog timer
RTC with separate power supply allowing battery connection
Up to 104 “Multi-Function” I/Os (MFIOs) multiplexed with peripheral I/Os:
–
Allows a large number of possible application scenarios
–
Up to 40 GPIOs with interrupt capability
System controller, reset and clock generation, and miscellaneous registers array
allowing a full configurability of the system.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com