Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST2100 Datasheet(PDF) 22 Page - STMicroelectronics

Part # ST2100
Description  Broadband powerline communication SoC optimized
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST2100 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button ST2100 Datasheet HTML 18Page - STMicroelectronics ST2100 Datasheet HTML 19Page - STMicroelectronics ST2100 Datasheet HTML 20Page - STMicroelectronics ST2100 Datasheet HTML 21Page - STMicroelectronics ST2100 Datasheet HTML 22Page - STMicroelectronics ST2100 Datasheet HTML 23Page - STMicroelectronics ST2100 Datasheet HTML 24Page - STMicroelectronics ST2100 Datasheet HTML 25Page - STMicroelectronics ST2100 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 39 page
background image
Pin descriptions
ST2100
22/39
DocID025777 Rev 1
DDR_CS_0
C13
Out
Chip select
Compatible with DDRI (SSTL2) and
DDRII (SSTL18)
DDR_CS_1
C14
DDR_ODT_1
A6
I/O
On-die termination
enable lines
DDR_ODT_0
A7
DDR_DATA_0
D15
I/O
Data lines (lower byte)
DDR_DATA_1
C15
DDR_DATA_2
D16
DDR_DATA_3
C16
DDR_DATA_4
C18
DDR_DATA_5
D18
DDR_DATA_6
C17
DDR_DATA_7
D17
DDR_DQS_0
A15
Out
Lower data strobe
Differential
Compatible with DDRI (SSTL2) and
DDRII (SSTL18)
DDR_NDQS_0
A16
DDR_DM_0
B15
Out
Lower data mask
Compatible with DDRI (SSTL2) and
DDRII (SSTL18)
DDR_GATE_0
A17
I/O
Lower gate open
DDR_DATA_8
C21
I/O
Data lines (upper byte)
DDR_DATA_9
B21
DDR_DATA_10
C20
DDR_DATA_11
B20
DDR_DATA_12
D19
DDR_DATA_13
C19
DDR_DATA_14
B19
DDR_DATA_15
B18
DDR_DQS_1
A18
Out
Upper data strobe
Differential
Compatible with DDRI (SSTL2) and
DDRII (SSTL18)
DDR_NDQS_1
A19
DDR_DM_1
B16
Out
Upper data mask
Compatible with DDRI (SSTL2) and
DDRII (SSTL18)
DDR_GATE_1
B17
I/O
Upper gate open
VREF_DDR
D13
In
Reference voltage
Analog 1.8 V
DDR2_EN
B5
In
Configuration
TTL input buffer, 3.3 V tolerant, with PU
COMP_1V8_ANAREXT
B6
Power
External resistor for
1.8 V I/Os compensation
Analog 1.8 V capable
COMP_1V8_GNDBGCOMP
C6
Power
Return for external
resistor for 1.8 V I/Os
compensation
Power
Table 15. DDR pin descriptions (continued)
Signal name
Ball Direction
Function
Pin type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com