Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST2100 Datasheet(PDF) 14 Page - STMicroelectronics

Part # ST2100
Description  Broadband powerline communication SoC optimized
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST2100 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button ST2100 Datasheet HTML 10Page - STMicroelectronics ST2100 Datasheet HTML 11Page - STMicroelectronics ST2100 Datasheet HTML 12Page - STMicroelectronics ST2100 Datasheet HTML 13Page - STMicroelectronics ST2100 Datasheet HTML 14Page - STMicroelectronics ST2100 Datasheet HTML 15Page - STMicroelectronics ST2100 Datasheet HTML 16Page - STMicroelectronics ST2100 Datasheet HTML 17Page - STMicroelectronics ST2100 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 39 page
background image
Pin descriptions
ST2100
14/39
DocID025777 Rev 1
4
Pin descriptions
From Table 4 to Table 15 on page 21 and Table 16 in Section 5 on page 29 describe the
STreamPlug ST2100 pinouts.
4.1
Dedicated pins
Table 4. Master clock RTC, RESET and 3.3 V comparator pin descriptions
Group
Signal name
Ball Direction
Function
Pin type
Master
clock
RCG_MCLK_A
AB18
In
24 MHz (typical) crystal in Oscillator 2.5 V capable
RCG_MCLK_ZO
AB19
Out
24 MHz (typical) crystal
out
Oscillator 2.5 V capable
RTC
RTC_TST
G23
In
POR test signal
Keep it at GND
RTC_ZO
H22
Out
32 KHz crystal output
Oscillator 1.5 V capable
RTC_A
H23
In
32 KHz crystal input
Oscillator 1.5 V capable
RTC_SGN
J23
In
POR signal
Keep it floating
RESET
MRESET
Y13
In
Main reset
TTL Schmitt trigger
input buffer 3.3 V
tolerant with PU
3.3 V comp.
COMP_3V3_ ANAREXT
A21
Power
External resistor for 3.3 V
I/Os compensation
Analog, 3.3 V capable
COMP_3V3_ GNDBGCOMP A22
Power
Return for external
resistor for 3.3 V I/Os
compensation
Table 5. Power supply pin descriptions
Group
Signal name
Ball
Value
DIGITAL
GROUND
GND
A1, A23, D5, D20, J11, J13, K10,K11, K12, K13,
K14,K22, L10, L11, L12, L13, L14, L21, M1, M4,
M10, M11, M12, M13, M14, M20, N10, N11, N12,
N13, N14, P10, P11, P12, P13, P14, R11, R13,
R22, AC1, AC23, AB23
0 V
DVSS_USB
AB17
GND_ADC
V21
GND_DAC
T23
GND_RCG_CLK_SYNTH
AA19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com